Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSS Datasheet(PDF) 2 Page - Samtec, Inc

Part # QSS
Description  0,635mm High Speed Socket / Terminal Strips
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QSS Datasheet(HTML) 2 Page - Samtec, Inc

  QSS Datasheet HTML 1Page - Samtec, Inc QSS Datasheet HTML 2Page - Samtec, Inc QSS Datasheet HTML 3Page - Samtec, Inc QSS Datasheet HTML 4Page - Samtec, Inc QSS Datasheet HTML 5Page - Samtec, Inc QSS Datasheet HTML 6Page - Samtec, Inc QSS Datasheet HTML 7Page - Samtec, Inc QSS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
Series: QSS / QTS 0,635mm High Speed Socket / Terminal Strips
Revision: E
Date: November 11, 2015
© 2012 Samtec, Inc.
Page 2
1.0 SCOPE
1.1 This specification covers performance, testing and quality requirements for Samtec QSS/QTS Series 0,635 mm
High Speed Socket/Terminal Strips. These socket and terminal strips are available in vertical, edge mount and right
angle configurations for parallel, perpendicular and co-planar board-to-board applications. All information
contained in this specification is for a 5,00 mm mated height vertical configuration unless otherwise noted.
2.0 DETAILED INFORMATION
2.1 Product prints, footprints, catalog pages, test reports and other specific, detailed information can be found at
www.samtec.com?QSS and www.samtec.com?QTS.
3.0 TESTING
3.1 Current Rating: 1.3A
3.2 Voltage Rating: 275 VAC
3.3 Operating Temperature Range: -55°C to +125°C
3.4 Electrical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Withstanding Voltage
EIA-364-20 (No Flashover,
Sparkover, or Breakdown)
825 VAC
Pass
Insulation Resistance
EIA-364-21 (5000 MΩ
minimum)
15,000 MΩ
Pass
Contact Resistance
(LLCR)
EIA-364-23
Δ 15 mΩ maximum
(Samtec defined)/ No damage
Pass
3.5 Mechanical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Durability
EIA-364-09C
100 cycles (w/Env.) 1000 cycles
(w/o Env)
Pass
Random Vibration
EIA-364-28 Condition V, Letter B
7.56 G 'RMS', 50 to 2000 Hz, 2
hours per axis, 3 axis total , PSD
0.04
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
1.0 microsecond
Pass
Mechanical Shock
EIA-364-27 100 G, 6
milliseconds, sawtooth wave,
11.3 fps, 3 shocks/direction, 3
axis (18 total shocks)
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
1.0 microsecond
Pass
Normal Force
EIA-364-04
30 grams minimum for gold
interface
Pass



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com