Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6128ACY/TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6128ACY/TR
Description  Synchronous Step Down PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6128ACY/TR Datasheet(HTML) 2 Page - Exar Corporation

  SP6128ACY/TR Datasheet HTML 1Page - Exar Corporation SP6128ACY/TR Datasheet HTML 2Page - Exar Corporation SP6128ACY/TR Datasheet HTML 3Page - Exar Corporation SP6128ACY/TR Datasheet HTML 4Page - Exar Corporation SP6128ACY/TR Datasheet HTML 5Page - Exar Corporation SP6128ACY/TR Datasheet HTML 6Page - Exar Corporation SP6128ACY/TR Datasheet HTML 7Page - Exar Corporation SP6128ACY/TR Datasheet HTML 8Page - Exar Corporation SP6128ACY/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
PARAMETER
MIN
TYP MAX
UNITS
CONDITIONS
QUIESCENT CURRENT
VCC Supply Current
0.5
1.0
mA
No Switching
PVCC Supply Current
1
20
µA
No Switching, GH = Low
VCC Supply Current(Disabled)
30
60
µA
COMP=0V
PVCC Supply Current (Disabled)
1
20
µA
COMP=0V
ERROR AMPLIFIER
Error Amplifier Transconductance
0.6
ms
COMP Sink Current
10
35
65
µA
VFB = 0.9V, COMP = 0.9V, No Faults
COMP Source Current
10
35
65
µA
VFB = 0.7V, COMP = 2V
COMP Output Impedance
3
MΩ
VFB Input Bias Current
130
nA
Error Amplifier Reference
0.788 0.8
0.812
V
Trimmed with Error Amp in Unity Gain
OSCILLATOR & DELAY PATH
Internal Oscillator Frequency
270
300
330
kHz
Maximum Controlled Duty Cycle
90
%
Loop in control - 100% DC Possible
Minimum Duty Cycle
0
%
Comp=0.7V
Minimum GH Pulse Width
150
250
ns
PVCC > 4.5V, Ramp up COMP voltage
until GH starts switching
CURRENT LIMIT
ISET Pin Sink Current
10
12.5
15
µA
Temp = 25 °C
ISET Current Temperature Coefficient
3400
ppm/°C
Current Limit Time Constant
15
µs
Overcurrent Comparator
100
125
150
mV
VISET - VSWN, Temp = 25°C
Threshold Voltage
Threshold Voltage Temperature
3400
ppm/°C
Coefficient
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: -40°C < TA < 85°C, 3.0V < PVCC = VCC < 5.5V, CCOMP = 22nF, CGH = CGL = 3.3nF, VFB = 0.8V,
SWN = GND = 0V, typical value for design guideline only.
VCC, PVCC ......................................................................................... 7V
BST .................................................................. 13.2V
BST-SWN .............................................................. 7V
SWN ............................................................ -1V to 7V
GH ............................................... -0.3V to BST +0.3V
GH-SWN ............................................................... 7V
All other pins ................................ -0.3V to VCC + 0.3V
Peak Output Current < 10µs
GH,GL .................................................................. 2A
Storage Temperature ........................ -65°C to 150°C
Power Dissipation .............................................. 1.3W
Junction Temperature, TJ ................................ 125°C
Lead Temperature (Soldering, 10 sec) ............ 300°C
ESD Rating. ................................................ 2kV HBM
Thermal Resistance
θJC ............................. 31.7°C/W
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com