Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48860TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM48860TL/NOPB
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48860TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48860TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
FREQUENCY (Hz)
0.001
10
0.1
1
20
20k
2k
200
0.01
FREQUENCY (Hz)
0.001
10
0.1
1
20
20k
2k
200
0.01
FREQUENCY (Hz)
0.001
10
0.1
1
20
20k
2k
200
0.01
FREQUENCY (Hz)
0.001
10
0.1
1
20
20k
2k
200
0.01
FREQUENCY (Hz)
0.001
10
0.1
1
20
20k
2k
200
0.01
FREQUENCY (Hz)
0.001
10
0.1
1
20
20k
2k
200
0.01
LM48860
SNAS398D – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
THD+N vs Frequency
THD+N vs Frequency
VDD = 3V, RL = 16Ω
VDD = 3V, RL = 32Ω
PO = 20mW, 22kHz BW
PO = 20mW, 22kHz BW
Figure 15.
Figure 16.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.6V, RL = 16Ω
VDD = 3.6V, RL = 32Ω
PO = 30mW, 22kHz BW
PO = 30mW, 22kHz BW
Figure 17.
Figure 18.
THD+N vs Frequency
THD+N vs Frequency
VDD = 4.2V, RL = 16Ω
VDD = 4.2V, RL = 32Ω
PO = 30mW, 22kHz BW
PO = 30mW, 22kHz BW
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com