Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49151TL/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM49151TL/NOPB
Description  Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM49151TL/NOPB Datasheet HTML 24Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 25Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 26Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 27Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 28Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 29Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 30Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 31Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
1
4
8
1m
10m
100m
1
INPUT VOLTAGE (VPP)
6
0.01
0.1
1.0
10
No Clip
Enabled
No Clip
Disabled
2
0
1
3
4
7
0
0.2
0.4
0.6
1.0
INPUT VOLTAGE (VPP)
2
5
0.8
6
Voltage Limiter off
4VPP
4.8VPP
5.6VPP
ALC max attenuation
VIN > VDD
TI Confidential - NDA Restrictions
LM49151
SNAS482F – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Figure 57. Voltage Limiter Function
VDD = 3.3V, RL = 8Ω+30µH
fIN = 1kHz, LS_GAIN = 0
Figure 58. No Clip Function
VDD = 3.3V, RL = 8Ω+30µH
fIN = 1kHz, LS_GAIN = 0
Blue, Green = Output Power vs Input Voltage
Gray, Yellow = THD+N vs Input Voltage
When No Clip is enabled, class D speaker output reduces when it’s about to enter clipping region and power stay
constant as long as VIN is less than VDD for 0 dB volume gain (see Figure 58). For example, in the case of VDD =
3.3V, there is a 6 dB of headroom for the change in input. Please see the ALC typical performance curves for
additional plots relating to different supply voltages and LS_GAIN settings for specific application parameters.
ATTACK TIME
Attack time (tATK) is the time it takes for the gain to be reduced by 6dB (LS_GAIN=0) once the audio signal
exceeds the ALC threshold. Fast attack times allow the ALC to react quickly and prevent transients such as
symbol crashes from being distorted. However, fast attack times can lead to volume pumping, where the gain
reduction and release becomes noticeable, as the ALC cycles quickly. Slower attack times cause the ALC to
ignore the fast transients, and instead act upon longer, louder passages. Selecting an attack time that is too slow
can lead to increased distortion in the case of the No Clip function, and possible output overload conditions in the
case of the Voltage limiter. The attack time is set by a combination of the value of CSET and the attack time
coefficient as given by Equation 2:
tATK = 20kΩCSET / αATK (s)
(2)
Where
αATK is the attack time coefficient (Table 10) set by bits B4:B3 in the Voltage Limit Control Register (see
Table 7). The attack time coefficient allows the user to set a nominal attack time. The internal 20k
Ω resistor is
subject to temperature change, and it has tolerance between -11% to +20%.
28
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com