Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49321RL/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Part # LM49321RL/NOPB
Description  Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49321RL/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM49321RL/NOPB Datasheet HTML 33Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 34Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 35Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 36Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 37Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 38Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 39Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 40Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
1
2
JP2
1
2
JP6
1
2
JP7
0.22 uF
C10
0.22 uF
C11
0.22 uF
C14
OUTPUT
1
GND
2
VCC
3
JP20
TOSLINK RECEIVER
75
R4
0.1 uF
C20
0.01 uF
C24
0.01 uF
C25
47k
R6
47k
R5
47k
R7
2
3
1
S28
1.6k
R9
0.33 uF
C27
4.7 nF
C26
VDD_D
0.1 uF
C21
0.1 uF
C22
S26
I2S WS
S24
MCLK
S27
I2S CLK
S23
I2S DATA
5k
R12
5k
R11
BBVDD
USB_SCL
USB_SDA
USB_CS
USB_SPIDO
2
3
1
S25
S20
47 uH
L1
COPY
1
EMPH
3
RXP
4
RXN
5
FILT
8
RST
9
MCLK
10
RERR
11
RCBL
12
PRO
13
CHS
14
NVERR
15
I2S_CLK
16
I2S_WS
17
I2S_DOUT
18
AUDIO
19
H/S
24
U
25
C
26
ORIG
28
U2
CS8415A
47k
R8
5k
R10
S29
RESET SPDIF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
X1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
X2
USB INTERFACE
USB_3.3V
USB_5V
USB_SPIDO
USB_CS
USB_SDA
USB_SCL
S22
1
2
JP16
BB_VDD
BBVDD
VDD_D
S17
S19
USB_3.3V
VDD_A
S18
USB_5V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
JP19
DIGITAL INTERFACE
JP21
S/PDIF IN
USB_SPI_M
USB_SPI_M
S21
VDD_A
0.22 uF
C30
Diiferential Mono
Input
L IN
R IN
LM49321, LM49321RLEVAL
www.ti.com
SNAS457C – SEPTEMBER 2008 – REVISED MAY 2013
Figure 43. Enlarged Board Schematic Part 1 of 2
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LM49321 LM49321RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com