Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7621 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCI7621
Description  Dual/Single Socket CardBus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI7621 Datasheet(HTML) 2 Page - Texas Instruments

  PCI7621 Datasheet HTML 1Page - Texas Instruments PCI7621 Datasheet HTML 2Page - Texas Instruments PCI7621 Datasheet HTML 3Page - Texas Instruments PCI7621 Datasheet HTML 4Page - Texas Instruments PCI7621 Datasheet HTML 5Page - Texas Instruments PCI7621 Datasheet HTML 6Page - Texas Instruments PCI7621 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.ti.com
DESCRIPTION
PCI7621/PCI7611
PCI7421/PCI7411
SLLA248 – JULY 2006
•
Register bits give software control of
•
PCI power-management D0, D1, D2, and D3
contender bit, power class bits, link active
power states
control bit, and IEEE Std 1394a-2000 features
•
Initial bandwidth available and initial
•
Isochronous receive dual-buffer mode
channels available registers
•
Out-of-order pipelining for asynchronous
•
PME support per 1394 Open Host Controller
transmit requests
Interface Specification
•
Register access fail interrupt when the PHY
•
Advanced submicron, low-power CMOS
SCLK is not active
technology
The Texas Instruments PCI7621 controller is an integrated dual-socket UltraMedia PC Card controller, Smart
Card controller, IEEE 1394 open HCI host controller and PHY, and flash media controller. This high-performance
integrated solution provides the latest in PC Card, Smart Card, IEEE 1394, Secure Digital (SD), MultiMediaCard
(MMC), Memory Stick/PRO, SmartMedia, and XD technology.
The Texas Instruments PCI7421 controller is an integrated dual-socket UltraMedia PC Card controller, IEEE
1394 Open HCI host controller and PHY, and flash media controller. This high-performance integrated solution
provides the latest in PC Card, IEEE 1394, SD, MMC, Memory Stick/PRO, SmartMedia, and XD technology.
The Texas Instruments PCI7611 controller is an integrated single-socket UltraMedia PC Card controller, Smart
Card controller, IEEE 1394 open HCI host controller and PHY, and flash media controller. This high-performance
integrated solution provides the latest in PC Card, Smart Card, IEEE 1394, SD, MMC, Memory Stick/PRO,
SmartMedia, and XD technology.
The Texas Instruments PCI7411 controller is an integrated single-socket UltraMedia PC Card controller, IEEE
1394 open HCI host controller and PHY, and flash media controller. This high-performance integrated solution
provides the latest in PC Card, IEEE 1394, SD, MMC, Memory Stick/PRO, SmartMedia, and XD technology.
For the remainder of this document, the PCI7x21 controller refers to the PCI7621 and PCI7421 controllers, and
the PCI7x11 controller refers to the PCI7611 and PCI7411 controllers.
Various implementation-specific functions and general-purpose inputs and outputs are provided through eight
multifunction terminals. These terminals present a system with options in PC/PCI DMA, serial and parallel
interrupts, PC Card activity indicator LEDs, flash media LEDs, and other platform-specific signals. PCI complaint
general-purpose events may be programmed and controlled through the multifunction terminals, and an
ACPI-compliant programming interface is included for the general-purpose inputs and outputs.
The PCI7x21/PCI7x11 controller is compliant with the latest PCI Bus Power Management Specification, and
provides several low-power modes, which enable the host power system to further reduce power consumption.
The PCI7x21/PCI7x11 controller also has a three-pin serial interface compatible with the Texas Instruments
TPS2228 (default), TPS2226, TPS2224, and TPS2223A power switches. All four power switches provide power
to the CardBus socket(s) on the PCI7x21/PCI7x11 controller. The power to each dedicated socket is controlled
through separate power control pins. Each of these power control pins can be connected to an external 3.3-V
power switch.
NOTE:
This product is for high-volume PC applications only. For a complete datasheet or
more information contact support@ti.com.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com