Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1740E/2K Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1740E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1740E/2K Datasheet(HTML) 4 Page - Texas Instruments

  PCM1740E/2K Datasheet HTML 1Page - Texas Instruments PCM1740E/2K Datasheet HTML 2Page - Texas Instruments PCM1740E/2K Datasheet HTML 3Page - Texas Instruments PCM1740E/2K Datasheet HTML 4Page - Texas Instruments PCM1740E/2K Datasheet HTML 5Page - Texas Instruments PCM1740E/2K Datasheet HTML 6Page - Texas Instruments PCM1740E/2K Datasheet HTML 7Page - Texas Instruments PCM1740E/2K Datasheet HTML 8Page - Texas Instruments PCM1740E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PCM1740
4
SBAS128B
www.ti.com
DC ACCURACY
Gain Error
±1.0
±3.0
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
±3.0
% of FSR
Bipolar Zero Error
±1.0
% of FSR
ANALOG OUTPUT
Voltage Range
Full Scale (0dB)
0.62 VCC
VPP
Center Voltage
0.5 VCC
VDC
Load Impedance
AC Coupled
5
k
Ω
DIGITAL FILTER PERFORMANCE
Passband
0.445 fS
Hz
Stop Band
0.555 fS
Hz
Passband Ripple
±0.17
dB
Stop Band Attenuation
–35
dB
De-Emphasis Error
–0.2
+0.55
dB
Delay Time
11.125 / fS
sec
ANALOG FILTER PERFORMANCE
Frequency Response
20Hz to 20kHz
–0.16
dB
20Hz to 40kHz
–0.6
dB
POWER SUPPLY REQUIREMENTS
Voltage Range
VDD, VCC, VPP
+4.5
+5
+5.5
VDC
Supply Current, IDD + ICC + IPP
VDD = VCC = VPP = +5V
25
30
mA
Power Dissipation
VDD = VCC = VPP = +5V
125
150
mW
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+125
°C
Thermal Resistance,
θ
JA
100
°C/W
NOTES: (1) Pins 6, 7, 18, 19: AD0, AD1, BCK, DATA, LRCK (Schmitt trigger input).
(2) Pin 10: RST (Schmitt trigger input with internal pull-up resistor).
(3) Pins 5, 21: MCKO, SCKO. (4) Pin 16: ZERO (open drain output).
(5) Pins 8, 9: SCL, SDA.
(6) Pin 9: SDA (open drain output, IOL = 3mA).
(7) Pin 9: SDA (from VIHMIN to VILMAX with a bus capacitance from 10pF to 400pF).
(8) Pins 8, 9: SCL, SDA (input current each I/O pin with an input voltage between 0.1VDD and 0.9VDD).
(9) This characteristic is the requirement for crystal oscillator.
(10) Pin 3: XTUN.
(11) The maximum response time when the XTUN is changed.
(12) The maximum delay time from power on to oscillation.
(13) The maximum lock up time when the PLL frequency is changed.
(14) The maximum delay time from power on to lock up.
(15) Dynamic performance specifications are tested with a 20kHz low-pass filter using a Shibasoku distortion analyzer 725
°C with 30kHz LPF, 400Hz
HPF, Average-Mode.
(16) SNR is tested with infinite zero detection circuit disabled.
PCM1740E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS (Cont.)
All specifications at TA = +25°C, VCC = VDD = VPP = 5.0V, fS = 44.1kHz, system clock = 384fS, 16-bit data, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com