Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748KE/2K Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1748KE/2K
Description  Audio Digital-to-Analog Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1748KE/2K Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1748KE/2K Datasheet HTML 9Page - Texas Instruments PCM1748KE/2K Datasheet HTML 10Page - Texas Instruments PCM1748KE/2K Datasheet HTML 11Page - Texas Instruments PCM1748KE/2K Datasheet HTML 12Page - Texas Instruments PCM1748KE/2K Datasheet HTML 13Page - Texas Instruments PCM1748KE/2K Datasheet HTML 14Page - Texas Instruments PCM1748KE/2K Datasheet HTML 15Page - Texas Instruments PCM1748KE/2K Datasheet HTML 16Page - Texas Instruments PCM1748KE/2K Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
www.ti.com
AUDIO DATA FORMATS AND TIMING
1/f
S
L−Channel
R−C hannel
LRC K
BC K
(= 48 or 64f
S )
18−Bit Right−Justified
D ATA
DATA
(2) I
2
S D ata Fo rm at: L −C h an n el = L O W , R −Ch an nel = H IG H
(3) L eft−Ju stified D ata Fo rm at: L−C han nel = H IG H , R −C h ann el = L O W
(1) Sta nd ard D ata Fo rm at: L −C h an n el = H IG H , R−C ha nn el = L O W
1/f
S
L−Channel
R−C hannel
LRC K
BC K
(= 32, 48 or 64f
S
)
1
2
3
N−2 N−1
N
1
2
1
2
3
N −2 N −1
N
1/f
S
L−C hannel
R−C hannel
LRC K
BCK
(= 48 or 64f
S
)
2
1
1
2
3
N−2 N−1
N
1
2
3
N−2 N−1
N
14
15
16
16
17
18
18
19
20
14
15
16
1
2
3
DATA
22
23
24
22
23
24
1
2
3
DATA
18
19
20
1
2
3
DATA
16
17
18
1
2
3
DATA
24−Bit Right−Justified
14
15
16
1
2
3
22
23
24
1
2
3
18
19
20
1
2
3
17
18
1
2
20−Bit Right−Justified
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
14
15
16
14
15
16
1
2
3
DATA
16−Bit Right−Justified, BC K = 32f
S
14
15
16
1
2
3
LSB
MSB
LSB
MSB
16−Bit Right−Justified, BC K = 48f
S
or 64f
S
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
The PCM1748 supports industry-standard audio data formats, including standard, I
2S, and left-justified, as shown
in Figure 21. Data formats are selected using the format bits, FMT[2:0], in control register 20. The default data
format is 24-bit left justified. All formats require binary 2s complement, MSB-first audio data. See Figure 22 for a
detailed timing diagram of the serial audio interface.
Figure 21. Audio Data Input Formats
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com