Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25CL64 Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM25CL64
Description  64Kb FRAM Serial 3V Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL64 Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM25CL64 Datasheet HTML 4Page - Ramtron International Corporation FM25CL64 Datasheet HTML 5Page - Ramtron International Corporation FM25CL64 Datasheet HTML 6Page - Ramtron International Corporation FM25CL64 Datasheet HTML 7Page - Ramtron International Corporation FM25CL64 Datasheet HTML 8Page - Ramtron International Corporation FM25CL64 Datasheet HTML 9Page - Ramtron International Corporation FM25CL64 Datasheet HTML 10Page - Ramtron International Corporation FM25CL64 Datasheet HTML 11Page - Ramtron International Corporation FM25CL64 Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FM25CL64
Rev. 2.1
Apr. 2003
Page 8 of 13
0
1
2
345
67
0
1
2
34
5
3
4567
0
1
2
345
67
op-code
0
0
0
0
0
0
1
0
MSB
13-bit Address
X
X
X
12 11 10
4
3
210
765
4
3
2
1
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
Figure 9. Memory Write
0
1
2
34567
0
1
2
34
5
3
4
567
0
1
2
34567
op-code
0
0
0
0
0
0
1
MSB
13-bit Address
X
X
X
12 11 10
43
210
76
54321
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
1
Figure 10. Memory Read
Applications
The versatility of FRAM technology fits into many
diverse applications. The strength of higher write
endurance and faster writes make FRAM superior to
EEPROM
in
all
but
one-time
programmable
applications. The advantage is most obvious in data
collection environments where writes are frequent
and data must be nonvolatile.
The attributes of fast writes and high write endurance
combine in many innovative ways. A short list of
ideas is provided here.
1.
Data collection. In applications that collect and
save data, FRAM provides a superior alternative to
other solutions. It is more cost effective than battery
backup for SRAM and provides better write attributes
than EEPROM.
2.
Configuration. Any nonvolatile memory can
retain a configuration. However, if the configuration
changes and power failure is a possibility, the higher
write endurance of FRAM allows changes to be
recorded without restriction. Any time the system-
state is altered, the change can be written. This avoids
writing to memory on power-down when the
available time is short and power scarce.
3.
High noise environments. Writing to EEPROM
in a noisy environment can be challenging. When
severe noise or power fluctuations are present, the
long write time of EEPROM creates a window of
vulnerability
during
which
the
write
can
be
corrupted. The fast write of FRAM is complete
within a microsecond. This time is typically too short
for noise or power fluctuations to disturb it.
4.
Time to market. In a complex system, multiple
software routines may need to access the nonvolatile
memory.
In
this
environment
the
time
delay
associated
with
programming
EEPROM
adds
complexity to the software development. Each
software
routine
must
wait
for
complete
programming before allowing access to the next
routine. When time to market is critical, FRAM can
eliminate this simple obstacle. As soon as a write is
issued to the FM25CL64, it is effectively done -- no
waiting.
5.
RF/ID. In the area of contactless memory,
FRAM provides an ideal solution. Since RF/ID
memory is powered by an RF field, the long
programming time and high current consumption
needed to write EEPROM is unattractive. FRAM
provides a superior solution. The FM25CL64 is
suitable for multi-chip RF/ID products.
6.
Maintenance tracking. In sophisticated systems,
the operating history and system-state during a failure
is
important
knowledge.
Maintenance
can
be
expedited when this information has been recorded.
Due to the high write endurance, FRAM makes an
ideal system log. In addition, the convenient interface
of the FM25CL64 allows memory to be distributed
throughout the system using minimal additional
resources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com