Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSLU2520-R10J Datasheet(PDF) 1 Page - TOKO, Inc

Part # FSLU2520-R10J
Description  Wirewound Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FSLU2520-R10J Datasheet(HTML) 1 Page - TOKO, Inc

  FSLU2520-R10J Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
Meeting Your Needs
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
Wirewound Chip Inductors
TYPE
FSLU2520
STANDARD PARTS SELECTION GUIDE
TYPE FSLU2520
Lo (
µH )
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
Inductance
Tolerance *
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
Q Min.
15
15
15
15
15
15
20
20
20
20
20
20
Test Frequency
( MHz )
100
100
100
100
100
100
100
100
100
100
100
100
DC Resistance
( Ω ) Max.
0.15
0.17
0.19
0.20
0.21
0.25
0.29
0.32
0.34
0.37
0.41
0.42
Self Resonant
Frequency
( MHz ) Min.
2300
2100
2000
1750
1550
1400
1200
1100
1000
900
850
700
Rated DC
Current ( mA )
Max
730
690
660
600
550
520
480
460
440
420
400
390
TOKO
Part
Number
FSLU2520-10N_*
FSLU2520-12N_*
FSLU2520-15N_*
FSLU2520-18N_*
FSLU2520-22N_*
FSLU2520-27N_*
FSLU2520-33N_*
FSLU2520-39N_*
FSLU2520-47N_*
FSLU2520-56N_*
FSLU2520-68N_*
FSLU2520-82N_*
* Add tolerance to part number: K =
±10%, M = ±20%
Note: Add P2 to part number for tape and reel.
Features
• Inductance Range: 0.010
µH ~ 0.082µH
• Temperature Range: –40
°C to +85°C
• Typical max Q: 40 ~ 50
• Proprietary wire-wound structure with welded terminations
offers high reliability
• Superior solderability and high heat-resistance for flow
and reflow soldering
• Miniature size: 1008 footprint (2.0mm x 2.5mm)
• S-parameter data available upon request
• Packaged on tape and reel in 2,000 piece quantity
Q-Frequency Characteristics
2.0
1.8
Tolerance:
±0.2
Unit: mm
Inductance
Marking
1.4
The FSLU2520 Series is a ferrite core wirewound surface mount
chip inductor which conforms to the EIA standard 1008 foot-
print. Its proprietary welded termination architecture offers su-
perior reliability and high heat-resistance for flow and reflow sol-
dering capability. It is recommended for general signal condi-
tioning, RF or IF filtering applications, or as matching elements.
Part Numbering
FSLU 2520 - R10 K
Tolerance (J=
±5%, K=±10%, M=±20%)
Inductance
Footprint (l x w in mm)
Type Name
Recommended patterns:
1.2
1.5
1.2
Unit: mm
50
1
1000
100
10
0
Frequency (MHz)
60
70
33
µH
0.33
µH
3.3
µH
0.033
µH
0.1
µH
40
30
20
10
Q


Similar Part No. - FSLU2520-R10J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
FSL ILLINOISCAPACITOR-FSL Datasheet
229Kb / 2P
High reliability - High voltage ??Long life
logo
Gamewell-FCI by Honeywe...
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
123Kb / 1P
Fiber Loop Modules
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
52Kb / 1P
Network Repeater
FSL-E3 GAMEWELL-FCI-FSL-E3 Datasheet
142Kb / 4P
Small Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
FSL-ZB-SNF ETC2-FSL-ZB-SNF Datasheet
21Kb / 2P
FSL-ZB-SNF Information
More results

Similar Description - FSLU2520-R10J

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
Wirewound Chip Inductors
logo
Superworld Electronics
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
WIREWOUND CHIP INDUCTORS
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
WIREWOUND CHIP INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com