Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP78LXX Datasheet(PDF) 7 Page - Exar Corporation

Part # SP78LXX
Description  100mA 3-Terminal Positive Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP78LXX Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP78LXX Datasheet HTML 3Page - Exar Corporation SP78LXX Datasheet HTML 4Page - Exar Corporation SP78LXX Datasheet HTML 5Page - Exar Corporation SP78LXX Datasheet HTML 6Page - Exar Corporation SP78LXX Datasheet HTML 7Page - Exar Corporation SP78LXX Datasheet HTML 8Page - Exar Corporation SP78LXX Datasheet HTML 9Page - Exar Corporation SP78LXX Datasheet HTML 10Page - Exar Corporation SP78LXX Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
© 2006 Sipex Corporation
Mechanical Dimensions
TO-92
Unit: mm(inch)
2.0(0.06)
2.60(0.0)
0.380(0.0)
0.0(0.022)
.600(0.063)
MAX
.270(0.00)
TYP
.00(0.03)
.00(0.0)
.00(0.73)
.700(0.8)
3.30(0.3)
MIN
0.360(0.0)
0.0(0.020)
0.000(0.000)
0.380(0.0)
PAckAge: 3 Pin TO-92



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com