Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP791 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP791
Description  Low Power Microprocessor Supervisory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP791 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP791 Datasheet HTML 9Page - Exar Corporation SP791 Datasheet HTML 10Page - Exar Corporation SP791 Datasheet HTML 11Page - Exar Corporation SP791 Datasheet HTML 12Page - Exar Corporation SP791 Datasheet HTML 13Page - Exar Corporation SP791 Datasheet HTML 14Page - Exar Corporation SP791 Datasheet HTML 15Page - Exar Corporation SP791 Datasheet HTML 16Page - Exar Corporation SP791 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
PIN
NAME
STATUS
1VBATT
Supply current is 1
µA maximum
When V
CC < VBATT-1.2V
2VOUT
VOUT is connected to VBATT
through an Internal PMOS switch.
3VCC
Battery-switchover comparator
monitors VCC for active switchover.
V
CC is disconnected from VOUT
4
GND
GND-0V reference for all signals.
5
BATT ON
Logic high. The open-circuit output is
equal to VOUT.
6
PFO
The power-fail comparator is disabled
PFO is forced low.
7
PFI
The power-fail comparator is disabled
8
SWT
SWT is Ignored.
9
MR
MR is ignored.
10
LOWLINE
Logic low.
11
WDI
WDI is ignored, and goes high
impedance.
12
CE OUT
Logic high. The open-circuit output
voltage is equal to VOUT.
13
CE IN
High Impedance.
14
WDO
Logic high. The open-circuit output
voltage is equal to VOUT.
15
RESET
Logic low.
16
WDPO
Logic high. The open-circuit output
voltage is equal to VOUT.
INPUT SUPPLY VOLTAGE
The Input Supply Voltage (VCC) should be a
regulated +5V source. VCC connects to VOUT
via a parallel diode and a large PMOS switch
(Figure 10). The switch carries the entire
current load for currents less than 250mA.
The parallel diode carries any current in excess
of 250mA. The maximum continuous current
is 250mA, but power-on transients may reach a
maximum of 1A.
BACKUP-BATTERY INPUT
The Backup-Battery Input (VBATT) is similar
to VCC, except the PMOS switch and parallel
diode are much smaller. Continuous current
should be limited to 25mA and peak currents
(only during power-up) limited to 250mA. The
reverse leakage of this input is less than 1
µA
over temperature and supply voltage.
OUTPUT SUPPLY VOLTAGE
The Output Supply Voltage (VOUT) supplies all
the current to the external system and internal
circuitry. All open-circuit outputs will, for ex-
ample, assume the VOUT voltage in their high
states rather than the VCC voltage. At the maxi-
mum source current of 250mA, VOUT will typi-
cally be 200mV below VCC. VOUT should be
decoupled with 0.1
µF capacitor.
BATTERY-BACKUP MODE
The SP791 requires two conditions to switch to
battery-backup mode: 1) VCC must be below
the reset threshold; 2) VCC must be below
VBATT. Table 1 lists the status of the inputs and
outputs in battery-backup mode.
BATTERY ON OUTPUT
The Battery On Output (BATT ON) indicates
the status of the internal VCC/battery-switchover
comparator, which controls the internal VCC and
VBATT switches. For VCC greater than VBATT
(ignoring the small hysteresis effect), BATT ON
is a logic low. For VCC less than VBATT, BATT
ON is a logic high. Use BATT ON to indicate
battery-switchover status or to supply base drive
to an external pass transistor for higher-current
applications (see Typical Operating Circuit).
Figure 10. VCC and VBATT-to-VOUT Switch
To enter the Battery-Backup mode, V
CC must be less than
the Reset threshold and less than V
BATT.
Table 1. Input/Output states in Battery-Backup mode
Corporation
VBATT
Vcc
2
VOUT
0.1
µF
INPUT/OUTPUT STATES IN
BATTERY-BACKUP MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com