Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6136 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP6136
Description  Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6136 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP6136 Datasheet HTML 9Page - Exar Corporation SP6136 Datasheet HTML 10Page - Exar Corporation SP6136 Datasheet HTML 11Page - Exar Corporation SP6136 Datasheet HTML 12Page - Exar Corporation SP6136 Datasheet HTML 13Page - Exar Corporation SP6136 Datasheet HTML 14Page - Exar Corporation SP6136 Datasheet HTML 15Page - Exar Corporation SP6136 Datasheet HTML 16Page - Exar Corporation SP6136 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
3
Oct 3-06 Rev L
SP636 Synchronous Buck Controller
© 2006 Sipex Corporation
ode has high forward voltage and reverse
recovery problems. The reverse recovery of
the body diode causes additional switching
noise when the diode turns off. The Schottky
diode alleviates these sources of noise and
additionally improves efficiency thanks to its
low forward voltage. The reverse voltage
across the diode is equal to input voltage,
and the diode must be able to handle the
peak current equal to the maximum load
current.
The power dissipation of the Schottky diode
is determined by:
PDIODE = 2 • VF • Iout • TNOL • FS
where:
TNOL = non-overlap time between GH and GL.
VF = forward voltage of the Schottky diode.
Loop Compensation Design
The open loop gain of the whole system can
be divided into the gain of the error ampli-
fier, PWM modulator, buck converter output
stage, and feedback resistor divider. In or-
der to cross over at the selected frequency
FCO
, the gain of the error amplifier has to
compensate for the attenuation caused by
the rest of the loop at this frequency.
The goal of loop compensation is to manipu-
late loop frequency response such that its
gain crosses over 0db at a slope of -20db/
dec. The first step of compensation design
is to pick the loop crossover frequency. High
crossover frequency is desirable for fast
transient response, but often jeopardizes
the system stability. Crossover frequency
should be higher than the ESR zero but
less than 1/5 of the switching frequency.
The ESR zero is contributed by the ESR
associated with the output capacitors and
can be determined by:
ƒz(Esr) =

2
π • Cout • REsr
The next step is to calculate the complex
conjugate poles contributed by the LC output
filter,

ƒp(Lc) =
2
π •
√L • Cout
When the output capacitors are of a Ceramic
Type,theSP6136EvaluationBoardrequires
a Type III compensation circuit to give a phase
boostof180°inordertocounteracttheeffects
of an under damped resonance of the output
filter at the double pole frequency.
APPLICATION INFORMATION
(SRz2Cz2+1)(SR1Cz3+1)
(SRESRCOUT+ 1)
[S2LC
OUT+S(RESR+RDC) COUT+1]
VIN
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
VRAMP_PP
VOUT
(Volts)
+
_
VREF
(Volts)
Notes: R
ESR = Output Capacitor Equivalent Series Resistance.
R
DC = Output Inductor DC Resistance.
V
RAMP_PP = SP6132 Internal RAMP Amplitude Peak to Peak Voltage.
Condition: Cz2 >> Cp1 & R1 >> Rz3
Output Load Resistance >> R
ESR & RDC
R2
VREF
(R1 + R2)
or
VOUT
VFBK
(Volts)
Type III Voltage Loop
Compensation
G
AMP (s) Gain Block
PWM Stage
G
PWM Gain
Block
Output Stage
G
OUT (s) Gain
Block
Voltage Feedback
G
FBK Gain Block
Figure 5: SP6136 Voltage Mode
Control Loop with Loop Dynamic
Definitions:
REsr
= Output Capacitor Equivalent Series Resistance
Rdc = Output Inductor DC Resistance
Vramp
_ pp = SP636 internal RAMP Amplitude Peak to Peak Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com