Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1031 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT1031
Description  Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1031 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT1031 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1031 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1031 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1031 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1031 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1031 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1031 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1031 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1031 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pad Assignment
Unit:mil
Pad No.
X
Y
1
–28.2
16.6
2
–7.55
16.7
3
–30.1
16.6
Chip size: 76
× 50 (mil)2
*The IC substrate should be connected to VDD in the PCB layout artwork.
Block Diagram
Absolute Maximum Ratings
Supply Voltage ............................... –0.3V to 13V
Storage Temperature................. –50
°C to 125°C
Power Dissipation ...................................250mW
Operating Temperature................... 0
°C to 70°C
HT10XX
2
3rd Oct ’96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com