Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6652ER Datasheet(PDF) 9 Page - Exar Corporation

Part # SP6652ER
Description  1A, High Efficiency, Fixed 1.4 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6652ER Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP6652ER Datasheet HTML 5Page - Exar Corporation SP6652ER Datasheet HTML 6Page - Exar Corporation SP6652ER Datasheet HTML 7Page - Exar Corporation SP6652ER Datasheet HTML 8Page - Exar Corporation SP6652ER Datasheet HTML 9Page - Exar Corporation SP6652ER Datasheet HTML 10Page - Exar Corporation SP6652ER Datasheet HTML 11Page - Exar Corporation SP6652ER Datasheet HTML 12Page - Exar Corporation SP6652ER Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Oct10-07 RevJ
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
APPLICATIONS INFORMATION
Manufacturers/ Website
Part Number
Inductance/ Isat
Rating
Inductor
Length/Width/Thickness
DCR Max
ohms
Coilcraft/ www.coilcraft
MSS5131-332MX
3.3uH/1.6A
5.1x5.1x3.1mm
0.032
Coilcraft/ www.coilcraft
MSS5131-332MX
4.7uH/1.4A
5.1x5.1x3.1mm
0.045
Sumida/ www.sumida.com
CDRH3D28-3R3
3.3uH/2.0A
4.0x4.0x3.0mm
0.058
Sumida/ www.sumida.com
CDRH3D28-4R7
4.7uH/1.65A
4.0x4.0x3.0mm
0.071
Wurth Elektronik/ www.we-online.de
WE-TPC #744042003
3.3uH/1.8A
4.8/4.8/1.8mm
0.065
Wurth Elektronik/ www.we-online.de
WE-TPC #744042004
4.7uH/1.65A
4.8/4.8/1.8mm
0.082
Table 2. Inductor Selection
The range of typical inductor values and sizes are shown here in Table 2.
The output voltage can be set using the
formula:
VOUT = VFB*( + RF/RI)
Where VFB = 0.8V typically, and for no-load
Ton is kept within 200nsec Minimum:
Ton(min) = VOUT/(VIN *Freq).
Compensation Component Selection
For simplicity in compensation with ce-
ramic output capacitors, the SP6652 uses
current mode PWM control, so all that is
needed for stability is a series RZ and CC
at the COMP pin to compensate the error
amplifier. To see the actual SP6652 re-
sponse with frequency, in figure 3 we have
taken a bode plot of gain and frequency re-
sponse of the SP6652 circuit with 3.3Vout.
Looking first at the SP6652 Modulator Gain
at low frequency you see a constant gain
of about 26dB and the first pole or -3dB
point at about 4 kHz, where the slope of
the gain curve becomes about -20dB/de-
cade. At high frequency on the SP6652
Modulator Gain curve one can see the
modulator curve slope increase down-
ward for a high frequency pole at about
150KHz, which is widely separated in
frequency from the low frequency 4kHz
pole, so that the SP6652 can be compen-
sated by a zero at the low frequency pole
where the gain slope is only -20dB/decade.
The gain for the error amplifier is the cross-
Figure 3. SP6652 Gain and Frequency
Response 3.3V output voltage
Manufacturers/ Website
Part Number
Capacitance/
Voltage
Capacitor
Size/Type/Thickness
ESR at
100KHz
TDK/www.tdk.com
C1005X5R0J105M
1uF/6.3V
0402/X5R/0.5mm
0.03
TDK/www.tdk.com
C1608X5R0J475K
4.7uF/6.3V
0603/X5R/0.9mm
0.02
TDK/www.tdk.com
C2012X5R0J106M
10uF/6.3V
0805/X5R/1.35mm
0.02
Murata/www.murata.com
GRM155R60J105KE19B
1uF/6.3V
0402/X5R/0.55mm
0.03
Murata/www.murata.com
GRM188R60J475KE19
4.7uF/6.3V
0603/X5R/0.9mm
0.02
Murata/www.murata.com
GRM21BR60J106KE19L
10uF/6.3V
0805/X5R/1.35mm
0.02
Table 1. Capacitor Selection
Note: Component highlighted in bold is used on the SP6652EB Evaluation Board.
Note: Component highlighted in bold is used on the SP6652EB Evaluation Board.
SP6652 Bode Plot
.
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
100
1000
10000
100000
1000000
Log
Frequency
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
SP6652 Loop Gain
SP6652 Modulator Gain
SP6652 Loop Phase
SP6652 Modulator Phase
pole1 -3dB
at 4kHz
At 0dB Loop Gain
Fo = 80kHz
Loop Phase = 50deg
3.3Vout
Rz = 4K
Ω
Cc = 10nF
-20dB/dec
(Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com