Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7650 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP7650
Description  Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7650 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP7650 Datasheet HTML 8Page - Exar Corporation SP7650 Datasheet HTML 9Page - Exar Corporation SP7650 Datasheet HTML 10Page - Exar Corporation SP7650 Datasheet HTML 11Page - Exar Corporation SP7650 Datasheet HTML 12Page - Exar Corporation SP7650 Datasheet HTML 13Page - Exar Corporation SP7650 Datasheet HTML 14Page - Exar Corporation SP7650 Datasheet HTML 15Page - Exar Corporation SP7650 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
3
Date: /5/06
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
13
Date: 2/16/06
SP7650 Wide Input Voltage Range 3A, 300kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
Efficiency vs Load at 5.0Vin
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Load (A)
Vout=3.3V
Vout=2.5V
Vout=1.8V
Vout=1.2V
Efficiency vs Load at 3.3Vin
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Load (A)
Vout=2.5V
Vout=1.8V
Vout=1.2V
Efficiency vs Load at 12Vin
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Load (A)
Vout=5.0V
Vout=3.3V
Vout=2.5V
Vout=1.8V
Vout=1.2V
Efficiency vs Load at 24Vin
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Load (A)
Vout=12V
Vout=5.0V
Vout=3.3V
Vout=2.5V
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com