Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7685 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP7685
Description  1.2A Buck/Boost Charge Pump LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7685 Datasheet(HTML) 2 Page - Exar Corporation

  SP7685 Datasheet HTML 1Page - Exar Corporation SP7685 Datasheet HTML 2Page - Exar Corporation SP7685 Datasheet HTML 3Page - Exar Corporation SP7685 Datasheet HTML 4Page - Exar Corporation SP7685 Datasheet HTML 5Page - Exar Corporation SP7685 Datasheet HTML 6Page - Exar Corporation SP7685 Datasheet HTML 7Page - Exar Corporation SP7685 Datasheet HTML 8Page - Exar Corporation SP7685 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Date: 6/20/06 Rev T
SP7685, 1.2A Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, VIN =3.6V, CIN = 10μF, CFC =1.0μF, COUT =10μF. VSHDN = VIN, typical values at 25°C. The
♦ denotes the specifications which apply over the full operating temperature range unless otherwise noted.
V
IN , VOUT
.......................................................................
-0.3V to 6V
Output Current Pulse (Flash) ................................. 2A
Output Current Continuous (Torch) ..................... 0.4A
Storage Temperature ...................... -65°C to +150°C
Operating Temperature ..................... -40°C to +85°C
V
EN ............................................................ 0.0V to 7V
3x3 10 DFN .........................................O
JA = 40.5°C/W
ESD Rating. ................................................ 2kV HBM
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Operating Input Voltage
2.7
5.5
V
♦
♦
♦
♦
Quiescent Current
0.5
3
mA
♦
♦
♦
♦
V
IN = 2.7 - 5.5V FLASH = GND,
1X Mode, I
LOAD
= 100μA
2
FLASH = High, 2x mode
Shutdown Current
2
μA
V
IN
= 5.5V, VEN = 0.0V
Oscillator Frequency
2.4
MHz
Charge Pump Equivalent
Resistance (x2 mode)
4Ω
V
FB
= 0.0V, V
IN
= 3.6V
Charge Pump Equivalent
Resistance (x1 mode)
0.4
0.7
Ω
V
IN = 3.6V
FB Reference Voltage
45
50
55
mV
♦
♦
♦
♦
FLASH = GND
138
150
162
mV
♦
♦
♦
♦
FLASH = High, R
SET
= 53.6kΩ.
FB Reference Voltage Range
100
400
mV
♦
♦
♦
♦
FLASH = High. Guaranteed by design.
FB Pin Current
0.5
μA
V
FB
= 0.3V
EN, FLASH Logic Low
0.4
V
♦
♦
♦
♦
EN, FLASH Logic High
1.3
V
♦
♦
♦
♦
EN, FLASH Pin Current
0.5
μA
♦
♦
♦
♦
V
OUT
Turn-on Time
170
500
μs
♦
♦
♦
♦
V
IN
= 3.6V, FB within 90% of
regulation
Thermal Shutdown
Temperature
145
oC
Maximum Flash ON time
1.6
2.6
3.6
s
♦
♦
♦
♦
FLASH = High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com