Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1117 Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX1117
Description  800mA Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1117 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SPX1117 Datasheet HTML 3Page - Exar Corporation SPX1117 Datasheet HTML 4Page - Exar Corporation SPX1117 Datasheet HTML 5Page - Exar Corporation SPX1117 Datasheet HTML 6Page - Exar Corporation SPX1117 Datasheet HTML 7Page - Exar Corporation SPX1117 Datasheet HTML 8Page - Exar Corporation SPX1117 Datasheet HTML 9Page - Exar Corporation SPX1117 Datasheet HTML 10Page - Exar Corporation SPX1117 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
S
SP
PX
X1
11
11
17
7
8
80
00
0m
mA
A L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2011 Exar Corporation
7/11
Rev. 2.1.0
layer on the backside of the substrate. Refer
to table 1 for the results of the experiment.
The
thermal
interaction
from
other
components in the application can affect the
thermal resistance of the SPX1117. The actual
thermal resistance can be determined with
experimentation.
SPX1117 power dissipation is calculated as
follows:
Maximum Junction Temperature
.
Maximum junction temperature must not
exceed 125°C.
Fig. 19: Substrate Layout for SOT-223
RIPPLE REJECTION
Ripple rejection can be improved by adding a
capacitor between the ADJ pin and ground as
shown in Figure 23. When ADJ pin bypassing
is used, the value of the output capacitor
required increases to its maximum. If the ADJ
pin is not bypassed, the value of the output
capacitor can be lowered to 10μF for an
electrolytic aluminum capacitor or 2.2μF for a
ceramic or solid tantalum capacitor (Fig 22).
However
the
value
of
the
ADJ-bypass
capacitor should be chosen with respect to the
following equation:
1
6.28
Where
C: value of capacitor in Farads
FR: ripple frequency in Hz
R1: value of resistor R1 in ohms
If an ADJ-bypass capacitor is used, the
amplitude of the output ripple will be
independent of the output voltage. If an ADJ-
bypass capacitor is not used, the output ripple
will be proportional to the ratio of the output
voltage to the reference voltage:
Where M=multiplier for the ripple seen when
the ADJ pin is optimally bypassed.
VREF=1.25V
Ripple rejection for the adjustable version is
shown in Figure 20.
Fig. 20: Ripple Rejection
VIN=3.3V, VOUT=1.8V(adj), ILOAD=200mA
OUTPUT VOLTAGE
The output of the adjustable regulator can be
set to any voltage between 1.25V and 15V.
The value of VOUT can be quickly approximated
using the formula
1.25
A small correction to this formula is required
depending on the values of resistors R1 and
R2, since the adjustable pin current (approx
50μA) flows through R2. When IADJ is taken
into account, the formula becomes
Where VREF=1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com