Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6652LEDEB Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6652LEDEB
Description  1A, High Efficiency, Fixed 1.4 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6652LEDEB Datasheet(HTML) 1 Page - Exar Corporation

  SP6652LEDEB Datasheet HTML 1Page - Exar Corporation SP6652LEDEB Datasheet HTML 2Page - Exar Corporation SP6652LEDEB Datasheet HTML 3Page - Exar Corporation SP6652LEDEB Datasheet HTML 4Page - Exar Corporation SP6652LEDEB Datasheet HTML 5Page - Exar Corporation SP6652LEDEB Datasheet HTML 6Page - Exar Corporation SP6652LEDEB Datasheet HTML 7Page - Exar Corporation SP6652LEDEB Datasheet HTML 8Page - Exar Corporation SP6652LEDEB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image

Oct10-07 RevJ
SP6652 1A, High Efficiency, Current Mode PWM Buck Regulator
© 2007 Sipex Corporation
Solved by
TM
Features
■
1A Output Current
■
1.4MHz Constant Frequency Operation
■
97% Efficiency Possible
■
0.5µA (Max.) Shutdown Current
■
Adjustable Output Voltage
■
No External FETs or Schottky Diode Required
■
Uses Small Value Inductors and Ceramic
Output Capacitors
■
Low Dropout Operation: 100% Duty Cycle
■
Soft Start and Thermal Shutdown Protection
■
Easy Frequency Synchonization
■
Lead Free, RoHS Compliant package: l
Small (3mm X 3mm) 10 Pin DFN or MSOP
applications
■
Mobile Phones
■
PDAs
■
DSCs
■
MP3 Players
■
USB Devices
■
Point of Use Power
The SP6652 is a high efficiency, synchronous buck regulator ideal for portable applications
using one Li-Ion cell, with up to 1A of output current. The 1.4MHz switching frequency and
PWM control loop are optimized for a small value inductor and ceramic output capacitor,
for space constrained portable designs. In addition, the input voltage range of 2.7V to 5.5V;
excellent transient response, output accuracy, and ability to transition into 100% duty cycle
operation -- further extending useful battery life -- make the SP6652 a superior choice for
a wide range of portable power applications. A logic level shutdown control, external clock
synchronization, and forced-PWM or automatic control inputs are provided. Other features
include soft-start, over current protection and 140ºC over-temperature shutdown.
typical application circuit
Description
1A, High Efficiency, Fixed 1.4 MHz
Current Mode PWM Buck Regulator
VOUT
3.3V at 1A
10
µF
100k
Ω
340k
Ω
4.7
µH
VIN
10
µF
10nF
4k
Ω
1
2
3
4
5
10
9
8
7
6
SP6652
PGND
SGND
FB
COMP
SD
LX
PVIN
SVIN
SYNC
MODE
ENABLE
SHUTDOWN
3.6V - 5.5V
10
Ω
1
µF
sp6652
SP6652
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
P
GND
S
GND
FB
COMP
SD
LX
P
VIN
S
VIN
SYNC
MODE


Similar Part No. - SP6652LEDEB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652LEDEB SIPEX-SP6652LEDEB Datasheet
505Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP6652LEDEB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HER101 LRC-HER101 Datasheet
61Kb / 2P
1A HIGH EFFICIENCY GPP DIODES
logo
Sipex Corporation
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
logo
Silicon Standard Corp.
HER1001 SSC-HER1001 Datasheet
404Kb / 2P
1A Axial High Efficiency Rectifier
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
logo
List of Unclassifed Man...
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
High Efficiency 1A Synchronous Buck Converter
logo
Cyntec Co., Ltd.
VUN12AD01-SH CYNTEC-VUN12AD01-SH Datasheet
779Kb / 15P
1A, High Efficiency Automotive uPOL Module
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
High Efficiency 1A Synchronous Buck Converter
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com