Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1431 Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX1431
Description  Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1431 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SPX1431 Datasheet HTML 3Page - Exar Corporation SPX1431 Datasheet HTML 4Page - Exar Corporation SPX1431 Datasheet HTML 5Page - Exar Corporation SPX1431 Datasheet HTML 6Page - Exar Corporation SPX1431 Datasheet HTML 7Page - Exar Corporation SPX1431 Datasheet HTML 8Page - Exar Corporation SPX1431 Datasheet HTML 9Page - Exar Corporation SPX1431 Datasheet HTML 10Page - Exar Corporation SPX1431 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
S
SP
PX
X1
14
43
31
1
P
Prreecciissiio
on
n A
Ad
djju
usstta
ab
bllee S
Sh
hu
un
ntt R
Reeg
gu
ulla
atto
orr
© 2013 Exar Corporation
7/11
Rev. 2.0.1
Fig. 20: Test Circuit for Stability
Fig. 21: Dynamic Output Impedance
TA= 25°C, IK= 1 to 100mA
Fig. 22: Off State Leakage
Fig. 23: Shunt Regulator VOUT = (1+R1/R2).VREF
Fig. 24: Constant Current, Sink, ISINK= VREF/R1
Fig. 25: Reference Amplifier for Isolated Feedback in
Off-Line DC-DC Converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com