Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1582 Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX1582
Description  3A Ultra Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1582 Datasheet(HTML) 7 Page - Exar Corporation

  SPX1582 Datasheet HTML 1Page - Exar Corporation SPX1582 Datasheet HTML 2Page - Exar Corporation SPX1582 Datasheet HTML 3Page - Exar Corporation SPX1582 Datasheet HTML 4Page - Exar Corporation SPX1582 Datasheet HTML 5Page - Exar Corporation SPX1582 Datasheet HTML 6Page - Exar Corporation SPX1582 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Jun 17-06 Rev F
SPX1582 3A Ultra Low Dropout Voltage Regulator
© 2006 Sipex Corporation
ORDERING INFORMATION
Part Number
Accuracy
Output Voltage
Packages
SPX1582U5 ............................... 2.0% ............................. Adj .......................... 5-Pin TO-220
SPX1582U5-2-5 ......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-220
SPX1582U5-2-8 ......................... 2.0% ............................ 2.8V ........................ 5-Pin TO-220
SPX1582U5-3-3 ......................... 2.0% ............................ 3.3V ........................ 5-Pin TO-220
SPX1582T5 ................................ 2.0% ............................. Adj .......................... 5-Pin TO-263
SPX1582T5/TR .......................... 2.0% ............................. Adj .......................... 5-Pin TO-263
SPX1582T5-2-5 ......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-2-5/TR .................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-2-8 ......................... 2.0% ............................ 2.8V ........................ 5-Pin TO-263
SPX1582T5-2-8/TR .................... 2.0% ............................ 2.8V ........................ 5-Pin TO-263
SPX1582T5-3-3 ......................... 2.0% ............................ 3.3V ........................ 5-Pin TO-263
SPX1582T5-3-3/TR .................... 2.0% ............................ 3.3V ........................ 5-Pin TO-263
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX1582T5-3-3/TR = standard; SPX1582T5-L-3-3/TR = lead free.
/TR = Tape and Reel
Pack quantity is 500 for TO-263.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
SPX1582T5-1-5/TR.................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-1-5 ......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-1-8/TR.................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263
SPX1582T5-1-8 ......................... 2.0% ............................ 2.5V ........................ 5-Pin TO-263



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com