Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1034 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1034
Description  Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1034 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1034 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Selection Guide
Item
Pin Assignment
Output Voltage
Tolerance
HT1015
HT1016
B
A
1.5V
±2.4%, ±5%
HT1030
HT1031
B
A
3.0V
±2.4%, ±5%
HT1033
HT1034
B
A
3.3V
±2.4%, ±5%
HT1036
HT1037
B
A
3.6V
±2.4%, ±5%
HT1044
HT1045
B
A
4.4V
±2.4%, ±5%
HT1050
HT1051
B
A
5.0V
±2.4%, ±5%
HT1070
HT1071
B
A
7.0V
±2.4%, ±5%
Electrical Characteristics
HT10XX series (HT1015, HT1016, +1.5V output type)
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ. Max.
Unit
VIN
Condition
VOUT
Output Voltage Tolerance
3.5V
IOUT=0.5mA
1.425
1.5
1.575
V
IOUT
Output Current
3.5V
—
7.0
—
—
mA
∆VOUT
Load Regulation
3.5V
1mA
≤IOUT≤7mA
—
80—mV
VDIF
Voltage Dropout
—
IOUT=0.5mA
—
300
—
mV
ISS
Current Consumption
3.5V
No load
—
2.2
5.0
µA
∆VOUT
∆VIN • VOUT
Line Regulation
—
2.5V
≤VIN≤12V
IOUT=0.5mA
—
0.2
—
%/V
VIN
Input Voltage
—
—
—
—
12
V
∆VOUT
∆Ta
Temperature Coefficient
3.5V
IOUT=0.5mA
0°C<Ta<70°C
—
±0.25
—
mV/°C
HT10XX
3
3rd Oct ’96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com