Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1587 Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX1587
Description  3A Low Dropout Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1587 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SPX1587 Datasheet HTML 3Page - Exar Corporation SPX1587 Datasheet HTML 4Page - Exar Corporation SPX1587 Datasheet HTML 5Page - Exar Corporation SPX1587 Datasheet HTML 6Page - Exar Corporation SPX1587 Datasheet HTML 7Page - Exar Corporation SPX1587 Datasheet HTML 8Page - Exar Corporation SPX1587 Datasheet HTML 9Page - Exar Corporation SPX1587 Datasheet HTML 10Page - Exar Corporation SPX1587 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
S
SP
PX
X1
15
58
87
7
3
3A
A L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2010 Exar Corporation
7/11
Rev. 2.0.0
Fig. 8: Ripple Rejection
VIN=3.3V, VOUT=1.8V(adj), ILOAD=200mA
Fig. 9: Current Source
Fig. 10: Typical Adjustable Regulator
Fig. 11: Improving Ripple Rejection
Fig. 12: 5V Regulator With Shutdown
Fig. 13: Recommended Connections for Best Results



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com