Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP690ACN Datasheet(PDF) 13 Page - Exar Corporation

Part # SP690ACN
Description  Low Power Microprocessor Supervisory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP690ACN Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP690ACN Datasheet HTML 8Page - Exar Corporation SP690ACN Datasheet HTML 9Page - Exar Corporation SP690ACN Datasheet HTML 10Page - Exar Corporation SP690ACN Datasheet HTML 11Page - Exar Corporation SP690ACN Datasheet HTML 12Page - Exar Corporation SP690ACN Datasheet HTML 13Page - Exar Corporation SP690ACN Datasheet HTML 14Page - Exar Corporation SP690ACN Datasheet HTML 15Page - Exar Corporation SP690ACN Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Date: 11/29/04
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2004 Sipex Corporation
13
Interfacing to Microprocessors with
Bidirectional Reset Pins
Microprocessors with bidirectional reset pins,
such as the Motorola 68HC11 series, can con-
tend with this series' RESET output. If, for
example, the RESET output is driven high and
the
µP wants to pull it low, indeterminate logic
levels may result. To correct this, connect a
4.7K
Ω resistor between the RESET output and
the
µP reset I/O, as in Figure 20. Buffer the
RESET output to other system components.
Figure 19. Monitoring a Negative Voltage
Figure 20. Interfacing to Microprocessors with
Bidirectional RESET I/O
PFI
PFO
R2
R1
VCC
+5V
GND
PFO
V-
+5V
*VTRIP 0V
0V
5.0 - 1.25
R1
1.25 - VTRIP
R2
V-
=
*VTRIP is a negative voltage
VCC
+5V
GND
VCC
+5V
GND
RESET
RESET
4.7KΩ
µP
Buffered RESET connects to System Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com