Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1585AT-L/TR Datasheet(PDF) 5 Page - Exar Corporation

Part # SPX1585AT-L/TR
Description  5A Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1585AT-L/TR Datasheet(HTML) 5 Page - Exar Corporation

  SPX1585AT-L/TR Datasheet HTML 1Page - Exar Corporation SPX1585AT-L/TR Datasheet HTML 2Page - Exar Corporation SPX1585AT-L/TR Datasheet HTML 3Page - Exar Corporation SPX1585AT-L/TR Datasheet HTML 4Page - Exar Corporation SPX1585AT-L/TR Datasheet HTML 5Page - Exar Corporation SPX1585AT-L/TR Datasheet HTML 6Page - Exar Corporation SPX1585AT-L/TR Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPX1585
TYPICAL APPLICATIONS
IN
OUT
ADJ
SPX1585
C
1
R
1
V
OUT
Fig. 5 Typical Adjustable Regulator
V
IN
LOAD
ADJ
SPX1585
Fig. 4 5A Current output Regulator
V
IN
C
1
OUT
IN
R
2
C
2
V
OUT = VREF (1 + R2 ) + IADJ R2
R
1
R
1
Note A: VIN(MIN)= (Intended VOUT) + (VDROPOUT (MAX))
SPX1585
Fig. 6 Improving Ripple Rejection
V
IN
R1
R2
150µF
10µF*
121Ω
1%
365Ω
1%
+
+
10µF
C
1
*C1 improves ripple rejection. Xc
should be ~ R
1 at ripple frequency.
5V
ADJ
IN
OUT
(Note A)
V
OUT
SPX1585
Fig.7 5V Regulator with Shutdown
V
IN
100µF
121Ω
1%
365Ω
1%
+
+
10µF
5V
ADJ
IN
OUT
(Note A)
1k
1k
TTL
Input
2N3904
Note A: V
IN(MIN)= (Intended VOUT) + (VDROPOUT (MAX))
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com