Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW203 Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # SW203
Description  SPDT Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

SW203 Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  SW203 Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BOWEI INTEGRATED CIRCUITS CO.,LTD.
SW20x
(Vcc=+5V,Vee=-5V)
5.0
4X0.5
-5V +5V GND TTL
2.54
7.62
1.5(Min)
26.60
8.30
4M2.0
K0
K1
K2
l
l
3.0
SW201
0.5~2
0.8/1.5
1.3
70/65
120
SW201B
0.5~2
1.0/1.5
1.3
70/65
120
SW202
1~4
1.0/1.7
1.4
70/65
120
SW202B
1~4
1.4/2.0
1.4
70/65
120
SW203
2~8
1.5/2.0
1.7
65/60
120
SW203B
2~8
1.8/2.5
1.7
65/60
120
SW204
2~12
2.0/2.5
1.7
65/60
120
SW205
2~18
3.0/3.5
2.0
60/55
120
Notes
Absorptive
Different outline
Reflective
●
●
●
●
TEL:+86-311-87091891 87091887
FAX:+86-311-87091282
http://www.cn-bowei.com
E-mail:cjian @cn-bowei.com
8
Application note:
1.Supply power: +5V@30mA/-5V@30mA.
2.High power to 1w(cw).
3.Logic input hihg(2.5~5V,1mAMax):on
Logic input low(0~0.6V,3mA Max):off
4.Higher isolation,specified outline drawing and opposite control logic are available.
5.Do not curre the lead undaly.Exceed Soldering time(10 second at 280℃)may cause permenent damage.
6.1uF electroytic capacitance and 0.01~0.1uF chip Capacitance are recommed on the power port to filter the
infeference.
Outline drawing(
)
mm
Part number
Frequency range
Insertion loss
(Typ/Max)
VSWR
(Typ)
Isolation
(Typ/Min)
Switching speed
Absorptive
Reflective
Absorptive
Reflective
Reflective
Specifications
Features
Compact metal package
Low insertion loss. High isolation
l
l
l
Fast switching speed
Removable SMA Connectors
Operating temperature range:-45℃~+85℃
(GHz)
(dB)
(dB)
(ns)
(Typ)
SPDT Switches
Switching time


Similar Part No. - SW203

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SW20 ARCH-SW20 Datasheet
142Kb / 3P
Encapsulated DC-DC Converter
logo
Alpha Wire
SW20 ALPHAWIRE-SW20 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
Arch Electronics Corp.
SW20-12-12S ARCH-SW20-12-12S Datasheet
142Kb / 3P
Encapsulated DC-DC Converter
SW20-12-12S ARCH-SW20-12-12S Datasheet
179Kb / 3P
The Smallest Dimension in the Market
SW20-12-15S ARCH-SW20-12-15S Datasheet
142Kb / 3P
Encapsulated DC-DC Converter
More results

Similar Description - SW203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4740 MAXIM-MAX4740 Datasheet
289Kb / 13P
Quad SPDT Audio Switches
Rev 1; 11/07
logo
Micronetics, Inc.
2S3021 MICRONETICS-2S3021 Datasheet
307Kb / 1P
SPDT SWITCHES
logo
BOWEI Integrated Circui...
SWDT-1C BOWEI-SWDT-1C Datasheet
100Kb / 1P
PIN SPDT Switches
SWST-1A BOWEI-SWST-1A Datasheet
97Kb / 1P
PIN SPDT Switches
logo
GREATECS
MP2 GREATECS-MP2 Datasheet
121Kb / 1P
Miniature SPDT Micro Switches
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
Miniature SPDT Toggle Switches
logo
Analog Devices
ADG619 AD-ADG619_15 Datasheet
365Kb / 16P
Single SPDT Switches
REV. C
ADG620 AD-ADG620_15 Datasheet
365Kb / 16P
Single SPDT Switches
REV. C
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
Triple/Quad SPDT Switches
REV. B
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
Triple/Quad SPDT Switches
REV. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com