Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74F174ADE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F174ADE4
Description  HEX D-TYPE FLIP-FLOP WITH CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F174ADE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74F174ADE4 Datasheet HTML 1Page - Texas Instruments SN74F174ADE4 Datasheet HTML 2Page - Texas Instruments SN74F174ADE4 Datasheet HTML 3Page - Texas Instruments SN74F174ADE4 Datasheet HTML 4Page - Texas Instruments SN74F174ADE4 Datasheet HTML 5Page - Texas Instruments SN74F174ADE4 Datasheet HTML 6Page - Texas Instruments SN74F174ADE4 Datasheet HTML 7Page - Texas Instruments SN74F174ADE4 Datasheet HTML 8Page - Texas Instruments SN74F174ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74F174A
HEX D-TYPE FLIP-FLOP
WITH CLEAR
SDFS029B – D2932, MARCH 1987 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VOH
VCC = 4.5 V,
IOH = – 1 mA
2.5
3.4
V
VOH
VCC = 4.75 V,
IOH = – 1 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
–60
– 150
mA
ICCH
VCC = 5.5 V,
See Note 2
30
45
mA
ICCL
VCC = 5.5 V,
See Note 3
39
55
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTES:
2. ICCH is measured with all outputs open, all data inputs and enable input at 4.5 V, and the clock input at 4.5 V after being momentarily
grounded.
3. ICCL is measured with all outputs open, all data inputs and enable input at 0 V, and the clock input at 4.5 V after being momentarily
grounded.
timing requirements
VCC = 5 V,
TA = 25°C
VCC = 4.5 V to 5.5 V,
TA = MIN to MAX§
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
100
0
80
MHz
CLK high
4
4
tw
Pulse duration
CLK low
6
6
ns
CLR low
5
5
t
Setup time before CLK
↑
Data high or low
4.5
4.5
ns
tsu
Setup time before CLK
↑
CLR high¶
5
5
ns
th
Hold time after CLK
↑
Data high or low
0.5
1
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
¶ Inactive-state setup time is also referred to as recovery time.
switching characteristics (see Note 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
MIN
TYP
MAX
MIN
MAX
fmax
100
140
80
MHz
tPLH
CLK
Any Q
2.7
4.5
8
2.7
9
ns
tPHL
CLK
Any Q
3.4
4.2
10
3.3
11
ns
tPHL
CLR
Any Q
4.2
6.3
14
4.2
15
ns
NOTE 4: Load circuits and waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com