Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7908 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LM7908
Description  3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM7908 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LM7908 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM7908 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM7908 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM7908 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM7908 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM7908 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM79XX
LINEAR INTEGRATED CIRCUIT
1
3 TERMINAL 1A NEGATIVE
VOLTAGE REGULATOR
DESCRIPTION
The Contek LM79XX series of three-terminal negative
regulators are available in TO-220 package and with several
fixed output voltage, making them useful in a wide range of
application. Each type employs internal current limiting,
thermal shut-down and safe area protection, making it
essentially indestructible.
FEATURES
*Output current up to 1A
*-5V;-6V;-8V;-12V;-15V;-18V;-24V output voltage available
*Thermal overload protection
*Short circuit protection
TO-220
1
1:GND 2:Input 3:Output
BLOCK DIAGRAM
Voltage
reference
Protection
circuitry
GND
OUTPUT
INPUT
RSC
R2
R1
Contek
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com


Similar Part No. - LM7908

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM7908 UTC-LM7908 Datasheet
70Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7908 TGS-LM7908 Datasheet
68Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7908CT FAIRCHILD-LM7908CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
LM7908CT FAIRCHILD-LM7908CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
LM7908CT FAIRCHILD-LM7908CT Datasheet
286Kb / 18P
3-Terminal 1 A Negative Voltage Regulator
More results

Similar Description - LM7908

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
3-Terminal 1A Negative Voltage Regulator
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
3-Terminal 1A Negative Voltage Regulator
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com