Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1071 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1071
Description  Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1071 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1071 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1071 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1071 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1071 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1071 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1071 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1071 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1071 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1071 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HT10XX series (HT1030, HT1031, +3.0V output type)
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
Condition
VOUT
Output Voltage Tolerance
5V
IOUT=10mA
2.85
3.0
3.15
V
IOUT
Output Current
5V
—
20
30
—
mA
∆VOUT
Load Regulation
5V
1mA
≤IOUT≤20mA
—
60
100
mV
VDIF
Voltage Dropout
—
IOUT=1mA
—
60
—
mV
ISS
Current Consumption
5V
No load
—
2.5
6.0
µA
∆VOUT
∆VIN • VOUT
Line Regulation
—
4V
≤VIN≤12V
IOUT=1mA
—
0.2
—
%/V
VIN
Input Voltage
—
—
—
—
12
V
∆VOUT
∆Ta
Temperature Coefficient
5V
IOUT=10mA
0°C<Ta<70°C
—
±0.45
—
mV/°C
HT10XX series (HT1033, HT1034, +3.3V output type)
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
Condition
VOUT
Output Voltage Tolerance 5.5V IOUT=10mA
3.135
3.3
3.465
V
IOUT
Output Current
5.5V
—
20
30
—
mA
∆VOUT
Load Regulation
5.5V 1mA
≤IOUT≤30mA
—
60
100
mV
VDIF
Voltage Dropout
—
IOUT=1mA
—
60
—
mV
ISS
Current Consumption
5.5V No load
—
2.5
6.0
µA
∆VOUT
∆VIN • VOUT
Line Regulation
—
4.5V
≤VIN≤12V
IOUT=1mA
—
0.2
—
%/V
VIN
Input Voltage
—
—
—
—
12
V
∆VOUT
∆Ta
Temperature Coefficient
5.5V
IOUT=10mA
0°C<Ta<70°C
—
±0.5
—
mV/°C
HT10XX
4
3rd Oct ’96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com