Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1487 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1487
Description  Low Power RS-485 1⁄4 Unit Load Multipoint Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1487 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS1487 Datasheet HTML 1Page - National Semiconductor (TI) DS1487 Datasheet HTML 2Page - National Semiconductor (TI) DS1487 Datasheet HTML 3Page - National Semiconductor (TI) DS1487 Datasheet HTML 4Page - National Semiconductor (TI) DS1487 Datasheet HTML 5Page - National Semiconductor (TI) DS1487 Datasheet HTML 6Page - National Semiconductor (TI) DS1487 Datasheet HTML 7Page - National Semiconductor (TI) DS1487 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS1487
Low Power RS-485 1⁄4 Unit Load Multipoint Transceiver
General Description
The DS1487 is a low-power transceiver for RS-485 and
RS-422 communication. The device contains one driver and
one receiver. The drivers slew rate allows for operation up to
2.0 Mbps (see Applications Information section). The trans-
ceiver presents 1⁄4 unit loading to the RS-485 bus allowing up
to 128 nodes to be connected together without the use of re-
peaters.
The transceiver draws 200 µA of supply current when un-
loaded or fully loaded with the driver disabled and operates
from a single +5V supply.
The driver is short-circuit current limited and is protected
against excessive power dissipation by thermal shutdown
circuitry that places the driver outputs into TRI-STATE®
(High Impedance state) under fault conditions. The driver
guarantees a minimum of 1.5V differential output voltage
with maximum loading across the common mode range
(V
OD3).
The receiver has a failsafe feature that guarantees a
logic-high output if the input is open circuit.
The DS1487 is available in surface mount and DIP pack-
ages.
Features
n Meets TIA/EIA RS-485 multipoint standard
n Allows up to 128 transceivers on the bus (1⁄4 U.L.)
n Guaranteed full load output voltage (VOD3)
n Low quiescent current:
200 µA typ
n −7V to +12V common-mode input voltage range
n TRI-STATE outputs on driver and receiver
n AC performance:
— Driver transition time:
25 ns typ
— Driver propagation delay:
40 ns typ
— Driver skew:
1 ns typ
— Receiver propagation delay:
200 ns typ
— Receiver skew:
20 ns typ
n Half-duplex flow through pinout
n Operates from a single 5V supply
n Current-limiting and thermal shutdown for driver
overload protection
n Pin and functional compatible with MAX1487
Connection and Logic Diagram
Order Number
Temp. Range
Package/###
DS1487N
0˚C to +70˚C
DIP/N08E
DS1487M
0˚C to +70˚C
SOP/M08A
Truth Table
DRIVER SECTION
RE
(Note 1)
DE
DI
A
B
X
HHH
L
XH
L
L
H
XLX
ZZ
RECEIVER SECTION
RE
(Note 1)
DE
A-B
RO
LL
≥+0.2V
H
LL
≤−0.2V
L
HX
X
Z
L
L
OPEN (Note 1)
H
X = indeterminate
Z = TRI-STATE
Note 1: Non Terminated, Open Input only
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DIP and SOIC
DS012920-1
*Note: Non Terminated, Open Input only
July 1998
© 1999 National Semiconductor Corporation
DS012920
www.national.com


Similar Part No. - DS1487

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS1487 TI1-DS1487 Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
DS1487M TI1-DS1487M Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
DS1487M/NOPB TI1-DS1487M/NOPB Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
DS1487MX TI1-DS1487MX Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
DS1487MX/NOPB TI1-DS1487MX/NOPB Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
More results

Similar Description - DS1487

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
Low Power Multipoint EIA-RS-485 Transceiver
DS481 NSC-DS481 Datasheet
156Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS485 NSC-DS485 Datasheet
140Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
Sipex Corporation
SP481R SIPEX-SP481R Datasheet
74Kb / 9P
1/10th Unit Load RS-485 Transceiver
logo
National Semiconductor ...
DS481 NSC-DS481_00 Datasheet
549Kb / 8P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
Exar Corporation
SP485R EXAR-SP485R Datasheet
608Kb / 9P
1/10th Unit Load RS-485 Transceiver
logo
Texas Instruments
DS1487 TI1-DS1487_11 Datasheet
180Kb / 10P
Low Power RS-485 Unit Load Multipoint Transceiver
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
DS481 TI1-DS481_14 Datasheet
854Kb / 17P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com