Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5080MM/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5080MM/NOPB
Description  Modular Current Sharing Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5080MM/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5080MM/NOPB Datasheet HTML 6Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 7Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 8Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 9Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 10Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 11Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 12Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 13Page - Texas Instruments LM5080MM/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Gm x Ro
(jZ x Ro x CTRO + 1)
A =
IT1 = ITRO x
§
¨
©
1+
R1
R2
+ VRS1 -
RS1
CTRO
+5V
R2
R1
IT1
Current
Share
Transconductance
Amplifie
r
GND
VCC
CSP
CS
TRO
RSO
R
R
R
R
CSM
CSO
Remote Sense
Driver
LM5080
VCC
SHR
8R
8R
ITRO
RTRO
NRND
LM5080
SNVS387C – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Figure 14. LM5080 Showing the RSO Buffer Configured to Boost Transconductance
The effective output current from the TRO pin can be multiplied to increase the current share loop gain if
necessary. R1 should be at least 10k
Ω.
REMOTE SENSE ADJUST MODES
The two remote sense adjust modes (positive and negative) achieve current sharing by controlling either remote
sense input of the power converter. These configurations for the LM5080 are shown in Figure 15 and Figure 16.
To understand the sharing mechanism, assume for a moment the SHR pin is disconnected from the share bus.
Connecting RSO and CSO configures the current sharing amplifier as a differential amplifier with a gain of one.
The CSP and RSO voltage will be identical and independent of the voltage across the sense resistor. Hence the
voltage regulation loop of each power converter is unaffected by the LM5080 when the SHR bus is open.
When the SHR pins are connected, the small signal transfer functions between the sense resistor voltages (VRS)
and the power supplies negative remote sense voltages (VSNS) are:
VSNS1 = A/4 x (VRS1 – VRS2)
VSNS2 = A/4 x (VRS2 – VRS1)
where
•
•
gm = current share amplifier transconductance (8.7mA/V)
•
Ro = output impedance of TRO pin (typically 6 M
Ω)
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com