Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5161PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5161PWPR
Description  Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5161PWPR Datasheet(HTML) 2 Page - Texas Instruments

  LM5161PWPR Datasheet HTML 1Page - Texas Instruments LM5161PWPR Datasheet HTML 2Page - Texas Instruments LM5161PWPR Datasheet HTML 3Page - Texas Instruments LM5161PWPR Datasheet HTML 4Page - Texas Instruments LM5161PWPR Datasheet HTML 5Page - Texas Instruments LM5161PWPR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
LM5161
SNVSAE3 – MARCH 2016
www.ti.com
Product Folder Links: LM5161
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
4 Device and Documentation Support
4.1 Related Documentation
AN-2292 Designing an Isolated Buck (Fly-Buck) Converter
AN-1481 Controlling Output Ripple & Achieving ESR Independence in Constant On-Time Regulator Designs
SPRA953 IC Package Thermal Metrics application report,
4.2 Trademarks
E2E is a trademark of Texas Instruments.
4.3 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
4.4 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4.5 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
5 Mechanical, Packaging, and Orderable Information
The following pages include mechanical packaging and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com