Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPLL-A Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # MPLL-A
Description  Phase locked synthesizer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

MPLL-A Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  MPLL-A Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPLL-A series
Pin No.
Function
Pin No.
Function
1
REFin
6
RF OUT
2
Clock
8
Vvco
3
LD
10
Vpll
4
LE
GND
5
Data
MPLL385BA -25k
380-390
2±2
25
<20
- 0
1
-70
-110
+5/8
+5/15
MPLL810BA -125k
790-830
2±2
125
<10
-12
-70
-108
+5/8
+5/15
MPLL1200CA -50k
1170 -1230
0±2
50
<15
-12
-70
-105
+3/1 0
+3/1 0
MPLL1550CA -200k
1510 -1590
1±2
200
<5
-12
-70
-103
+5/12
+5/15
MPLL2386CA -250k
2346 -2426
1±2
250
<5
-15
-70
-98
+5/12
+5/20
MPLL3250CA -100k
3200 -3300
0±2
100
<15
-15
-70
-93
+5/12
+5/20
MPLL4300EA -125k
4275 -4325
0±2
125
<15
-15
-70
-90
+3/15
+3/20
MPLL4910EA -500k
4880 -4940
0±2
500
<5
-15
-70
-90
+3/15
+5/25
@10kHz
MHz
dBm
dBc
dBc/Hz
2nd
kHz
mS
dBc
Vpll/Ipll Vvco/Ivco
V/mA
V/mA
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933088
☆
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Phase locked synthesizer
l
l
l
Small size 12*12*4mm
Low power supply +5V or +3V
Frequency 300~5000MHz, relative bandwidth up to 20%
Features
Part number
Frequency
Power
output
Step
size
Switching
time
Harmonic
output
Spurious
output
Phase
noise
Package information
l
Outline Drawing
l
Pin functions
Others
62


Similar Part No. - MPLL-A

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPLL-BW BOWEI-MPLL-BW Datasheet
127Kb / 1P
Broadband phase locked synthesizer
MPLL-C BOWEI-MPLL-C Datasheet
103Kb / 1P
Phase locked synthesizer
MPLL-D BOWEI-MPLL-D Datasheet
114Kb / 2P
Phase locked synthesizer
MPLL-E BOWEI-MPLL-E Datasheet
105Kb / 1P
Fast Switching Synthesizer
More results

Similar Description - MPLL-A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
DS8906 NSC-DS8906 Datasheet
169Kb / 8P
AM/FM Digital Phase-Locked Loop Synthesizer
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
Fixed frequency phase locked synthesizer
MPLL-D BOWEI-MPLL-D Datasheet
114Kb / 2P
Phase locked synthesizer
MPLL-C BOWEI-MPLL-C Datasheet
103Kb / 1P
Phase locked synthesizer
MPLL-BW BOWEI-MPLL-BW Datasheet
127Kb / 1P
Broadband phase locked synthesizer
MPLL10000E-250K BOWEI-MPLL10000E-250K Datasheet
141Kb / 1P
SMT X band phase locked synthesizer
HMPLL-L BOWEI-HMPLL-L Datasheet
89Kb / 1P
Connectorized Phase Locked Synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com