Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7628AD Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7628AD
Description  5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7628AD Datasheet(HTML) 2 Page - Exar Corporation

  MP7628AD Datasheet HTML 1Page - Exar Corporation MP7628AD Datasheet HTML 2Page - Exar Corporation MP7628AD Datasheet HTML 3Page - Exar Corporation MP7628AD Datasheet HTML 4Page - Exar Corporation MP7628AD Datasheet HTML 5Page - Exar Corporation MP7628AD Datasheet HTML 6Page - Exar Corporation MP7628AD Datasheet HTML 7Page - Exar Corporation MP7628AD Datasheet HTML 8Page - Exar Corporation MP7628AD Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP7628
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Ceramic Dip
MP7628AD
Ceramic Dip
MP7628BD
Ceramic Dip
MP7628SD*
Ceramic Dip
MP7628TD*
Plastic Dip
MP7628JN
–40 to +85
°C
–55 to +125
°C
–55 to +125
°C
Plastic Dip
MP7628KN
+1/2
+1/4
+1/2
+1/4
+1/2
+1/4
+1/2
+1/4
+1/2
+1/4
+1/2
+1/4
+1.8
+0.9
+1.8
+0.9
+1.8
+0.9
PLCC
MP7628JP
+1/2
+1/2
+1.8
SOIC
MP7628JS
+1/2
+1/2
+1.8
SOIC
MP7628KS
+1/4
+1/4
+0.9
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
PLCC
MP7628KP
–40 to +85
°C
+1/4
+1/4
+0.9
INL
(LSB)
Gain Error
(% FSR)
DNL
(LSB)
*Contact factory for non-compliant military processing
PIN CONFIGURATIONS
See Packaging Section for
Package Dimensions
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
11
12
13
14
18
17
16
15
(LSB) DB0
DB1
DB2
DB3
DB4
DB5
DB7 (MSB)
DB6
28 Pin CDIP, PDIP (0.600”)
D28, N28
VDD
VREFA
RFBA
RFBB
VREFB
GND
VREFC
RFBC
RFBD
VREFD
IOUT1A
IOUT2A/IOUT2B
IOUT1B
IOUT1C
IOUT2C/IOUT2D
IOUT1D
321
4
5
6
7
8
9
10
11
12 13
14
15
16
17
18
28
27
26
25
24
23
22
21
20
19
28 Pin PLCC
P28
VDD
VREFA
RFBA
IOUT1A
DB0
DB1
DB2
RFBB
VREFB
IOUT2A/
IOUT2B
IOUT1B
DB3
DB4
DB5
DB6
DB7
(MSB)
RFBD
VREFD
IOUT1C
IOUT2C/
IOUT2D
IOUT1D
RFBC
VREFC
GND
28
1
15
14
2
3
4
5
6
7
17
16
8
9
19
18
10
11
23
22
21
20
27
26
25
24
12
13
(LSB)
28 Pin SOIC (Jedec, 0.300”)
S28
See
Pin Out
at Left
A/B
R/W
DS1
DS2
DS1
DS2
A/B
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com