Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCRO2133 Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # MCRO2133
Description  Voltage Controlled Oscillator with ceramic coaxial resonator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

MCRO2133 Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  MCRO2133 Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD. MCRO2133 Datasheet HTML 2Page - BOWEI Integrated Circuits CO.,LTD. MCRO2133 Datasheet HTML 3Page - BOWEI Integrated Circuits CO.,LTD. MCRO2133 Datasheet HTML 4Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCRO series
MHz
Typ
MCRO422
417-427
0.5-4.5
4
6
-10
2
-116/-136
100
5/20
SM-2
MCRO585
545-605
0-10
8
10
-10
2
-120/-140
100
12/30
SM-2
MCRO646
641-651
0.5-4.5
4
6
-10
2
-122/-142
100
5/20
SM-2
MCRO698
681-716
0.5-9
5
7
-10
2
-118/-138
100
8/25
SM-2
MCRO720
720
0.5-4.5
2.4
9
-10
2
-126/-146
100
5/30
SM-2
MCRO845
845
0.5-4.5
2
9
-10
2
-122/-142
100
8/30
SM-2
MCRO896
891-901
0.5-4.5
4
6
-10
2
-122/-142
100
5/20 SM-1B
MCRO930
925-935
0.5-4.5
4
6
-10
2
-120/-140
100
5/25 SM-1B
MCRO976
971-981
0.5-4.5
4
10
-10
2
-120/-140
100
5/25 SM-1B
MCRO1024
1019-1029
0.5-4.5
4
6
-10
2
-123/-143
100
5/25 SM-1B
MCRO1030
1030
0.5-4.5
2
6
-10
2
-126/-146
100
5/30
SM-2
MCRO1089
1059-1119
0.5-12
7
6
-10
3
-113/-133
100
5/25 SM-1B
MCRO1135
1130-1140
0.5-4.5
4
8
-10
2
-125/-145
100
5/30 SM-1B
MCRO1144
1109-1179
0.5-12
8
6
-10
3
-110/-130
100
5/25 SM-1B
MCRO1207
1169-1245
0.5-12
8
6
-10
3
-110/-130
100
5/25 SM-1B
MCRO1263
1243-1283
0.5-4.5
12
7
-10
3
-115/-135
100
5/30 SM-1B
MCRO1280
1240-1320
0.5-12
8
6
-10
3
-110/-130
100
5/30 SM-1B
MCRO1340
1335-1345
0.5-4.5
4
6
-10
2
-123/-143
100
5/30 SM-1B
MCRO1391
1381-1401
0.5-4.5
8
5
-10
2
-117/-137
100
5/30 SM-1B
MCRO1400
1395-1405
0.5-4.5
4
6
-10
2
-122/-142
100
5/30 SM-1B
MCRO1475
1470-1480
0.5-4.5
7
4
-10
2
-121/-141
100
5/30
SM-2
MCRO1490
1485-1495
0.5-4.5
4
6
-10
2
-120/-140
100
5/30 SM-1B
MCRO1539.5
1519-1559
0-8
12
3
-10
2
-115/-135
100
5/30 SM-1B
MCRO1549
1539 1559
0.5 4.5
8
5
10
2
116/ 136
100
5/30 SM 1B
-
-
-
-
-
-
MCRO1600
1590-1610
0-5
6
10
-10
2
-115/-135
100
8/36 SM-1B
MCRO1606.4
1596-1616
0.5-4.5
10
4
-10
2
-117/-137
100
8/30 SM-1B
MCRO1731
1691-1771
0.4-5.4
20
4
-10
6
-109/-129
100
5/30 SM-1B
MCRO1790
1780-1800
0.5-4.5
6
6
-10
3
-118/-138
100
5/30 SM-1B
MCRO1800
1790-1810
0.5-4.5
8
5
-15
3
-117/-137
56
5/30 SM-1B
MCRO1820
1810-1830
0.5-4.5
12
7
-15
3
-117/-137
56
8/30 SM-1B
MCRO1858
1858
0.5-4.5
4
5
-15
3
-115/-135
56
8/30 SM-1B
MCRO1878
1866-1890
0.5-4.5
12
2
-15
3
-115/-135
56
5/20 SM-1B
MCRO1900
1890-1910
0.5-4.5
8
6
-15
3
-119/-139
56
8/30 SM-1B
MCRO1950
1940-1960
0.5-4.5
10
8
-15
4
-117/-137
56
8/30 SM-1B
MCRO2000
1990-2010
0.5-4.5
6
5
-15
4
-118/-138
56
5/30 SM-1B
MCRO2040
2030-2050
0.5-4.5
8
6
-15
4
-118/-138
56
5/30 SM-1B
MCRO2043.5
2004-2083
0.4-5.4
20
4
-15
6
-109/-129
56
5/30 SM-1B
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933088
☆
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Voltage Controlled Oscillator with ceramic coaxial resonator
l
l
l
l
Ceramic coaxial resonator, Low phase noise
Two standard packages
Frequency 400~5000MHz
ROHS Compliant
Features
@10/100KHz
MHz
V
MHz/V
dBm
dBc
dBc/Hz
Typ
pF
V/mA
Typ
Typ
Typ
Typ
Max
Part number
Frequency
Tuning
Voltage
Tuning
sensitivity
Power
output
Harmonic
Phase noise
Power
supply
Pack
-age
Input
capacitance
Frequency
drift
58


Similar Part No. - MCRO2133

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MCRO2000 BOWEI-MCRO2000 Datasheet
222Kb / 2P
Ceramic coaxial VCO
MCRO2500 BOWEI-MCRO2500 Datasheet
222Kb / 2P
Ceramic coaxial VCO
More results

Similar Description - MCRO2133

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVCO55CC-1700-1700 CRYSTEKCRYSTAL-CVCO55CC-1700-1700 Datasheet
144Kb / 2P
Coaxial Resonator Oscillator
CVCO55CC-2032-2032 CRYSTEKCRYSTAL-CVCO55CC-2032-2032 Datasheet
104Kb / 2P
Coaxial Resonator Oscillator
CVCO55CC-2039-2283 CRYSTEKCRYSTAL-CVCO55CC-2039-2283_15 Datasheet
107Kb / 2P
Coaxial Resonator Oscillator
CVCO55CC-2200-2660 CRYSTEKCRYSTAL-CVCO55CC-2200-2660_15 Datasheet
107Kb / 2P
Coaxial Resonator Oscillator
CVCO55CC-2207-2207 CRYSTEKCRYSTAL-CVCO55CC-2207-2207 Datasheet
104Kb / 2P
Coaxial Resonator Oscillator
CVCO55CC-2280-2488 CRYSTEKCRYSTAL-CVCO55CC-2280-2488 Datasheet
196Kb / 2P
Coaxial Resonator Oscillator
CVCO55CC-2400-2415 CRYSTEKCRYSTAL-CVCO55CC-2400-2415_15 Datasheet
205Kb / 2P
Coaxial Resonator Oscillator
CVCO55CC-2440-2540 CRYSTEKCRYSTAL-CVCO55CC-2440-2540 Datasheet
106Kb / 2P
Coaxial Resonator Oscillator
logo
Mini-Circuits
ZX95-3360R MINI-ZX95-3360R Datasheet
445Kb / 3P
Coaxial Voltage Controlled Oscillator
ZX95-3800AR MINI-ZX95-3800AR Datasheet
444Kb / 3P
Coaxial Voltage Controlled Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com