Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED15W Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # LED15W
Description  Isolated and Regulated 15 Watt Open Frame DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LED15W Datasheet(HTML) 1 Page - Astrodyne Corporation

  LED15W Datasheet HTML 1Page - Astrodyne Corporation LED15W Datasheet HTML 2Page - Astrodyne Corporation LED15W Datasheet HTML 3Page - Astrodyne Corporation LED15W Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Isolated and Regulated 15 Watt Open Frame DC/DC Converters
LED15W series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Wide 4 : 1 Input Range
High Efficiency
Regulated Outputs
2250VDC Isolation
Small Size and Low Profile
Standard Pinouts
Model Number
Output Voltage Output Amps Input Range Input mAmps (NL/FL) Efficiency Capacitive Load
SINGLE OUTPUT
LED15-24S3P3W
3.3 VDC
4
9-36 VDC
50 / 688
84%
1000uF max.
LED15-48S3P3W
4
18-75 VDC
40 / 340
86%
1000uF max.
LED15-24S05W
5 VDC
3
9-36 VDC
60 / 763
85%
330uF max.
LED15-48S05W
3
18-75 VDC
40 / 377
85%
220uF max.
LED15-24S12W
12 VDC
1.3
9-36 VDC
15 / 803
85%
1000uF max.
LED15-48S12W
1.3
18-75 VDC
15 / 392
87%
1000uF max.
LED15-24S15W
15 VDC
1
9-36 VDC
15 / 772
87%
330uF max.
LED15-48S15W
1
18-75 VDC
15 / 377
87%
220uF max.
Unit measures 1.1”W x 0.94”L x 0.335”H
SMT Mount versions available. Simply add a “-A” to the end of the Model Number (i.e. LED15-24S05W-A). Also, options exist for the removal of the
Trim Function and the reconfiguration of the Remote ON/OFF to Positive Logic (Negative Logic is standard). Please see the Product Options Table
for Model Number information (suffixes).


Similar Part No. - LED15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LED15W P-DUKE-LED15W_14 Datasheet
577Kb / 3P
DC-DC CONVERTER
More results

Similar Description - LED15W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD15H-12S3 ETC1-ASD15H-12S3 Datasheet
531Kb / 3P
Isolated and Regulated 15 WATT Open Frame DC/DC Converter
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H Datasheet
531Kb / 3P
Isolated and Regulated 15 WATT Open Frame DC/DC Converter
FEC15 ASTRODYNE-FEC15 Datasheet
369Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
ST15 ASTRODYNE-ST15 Datasheet
190Kb / 3P
Isolated and Regulated 15 Watt Modular DC/DC Converters
ASD15 ASTRODYNE-ASD15 Datasheet
263Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
ASD15H ASTRODYNE-ASD15H_16 Datasheet
300Kb / 3P
Isolated and Regulated 15 WATT Open Frame DC/DC Converter
FEC15 ASTRODYNE-FEC15_16 Datasheet
207Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
LCD15W ASTRODYNE-LCD15W Datasheet
602Kb / 4P
Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
ST15 ASTRODYNE-ST15_16 Datasheet
235Kb / 3P
Isolated and Regulated 15 Watt Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com