Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAN-014 Datasheet(PDF) 7 Page - Exar Corporation

Part # TAN-014
Description  A Comparison between Exar?셲 XR-88C681
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

TAN-014 Datasheet(HTML) 7 Page - Exar Corporation

Back Button TAN-014 Datasheet HTML 2Page - Exar Corporation TAN-014 Datasheet HTML 3Page - Exar Corporation TAN-014 Datasheet HTML 4Page - Exar Corporation TAN-014 Datasheet HTML 5Page - Exar Corporation TAN-014 Datasheet HTML 6Page - Exar Corporation TAN-014 Datasheet HTML 7Page - Exar Corporation TAN-014 Datasheet HTML 8Page - Exar Corporation TAN-014 Datasheet HTML 9Page - Exar Corporation TAN-014 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TAN - 014
A Comparison between Exar’s XR-88C681 with Signetics’ SC26C92 DUART Devices
Table 2, Write Register Addressing
A3
A2
A1
A0
SC26C92
XR-88C681
0
0
0
0
Mode Register A (MR0A,
MR1A, MR2A)
Mode Register A (MR1A,
MR2A)
0
0
0
1
Clock Select Register A
(CSRA)
Clock Select Register A
(CSRA)
0
0
1
0
Command Register A (CRA)
Command Register A (CRA)
0
0
1
1
Tx Holding Register A
(THRA)
Tx Holding Register A
(THRA)
0
1
0
0
Aux. Control Register (ACR)
Aux. Control Register (ACR)
0
1
0
1
Interrupt Mask Register
(IMR)
Interrupt Mask Register
(IMR)
0
1
1
0
Counter/Timer Upper Byte
Register (CTUR)
Counter/Timer Upper Byte
Register (CTUR)
0
1
1
1
Counter/Timer Lower Byte
Register (CTLR)
Counter/Timer Lower Byte
Register (CTLR)
1
0
0
0
Mode Register B (MR0B,
MR1B, MR2B)
Mode Register B (MR1B,
MR2B)
1
0
0
1
Clock Select Register B
(CSRB)
Clock Select Register B
(CSRB)
1
0
1
0
Command Register B
Command Register B (CRB)
1
0
1
1
Tx Holding Register B
(THRB)
Tx Holding Register B
(THRB)
1
1
0
0
Reserved
Interrupt Vector Register
(IVR)
1
1
0
1
Output Port Configuration
Register (OPCR)
Output Port Configuration
Register (OPCR)
1
1
1
0
Set Output Port Bits
Command
Set Output Port Bits
Commands
1
1
1
1
Reset Output Port Bits
Command
Reset Output Port Bits
Command
Note: Differences between the two devices are written in Bold Italics
Shaded boxes denote “Address Triggered” commands.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com