Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR22800 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR22800
Description  Hi-Speed USB to 10/100 Ethernet Bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22800 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR22800 Datasheet HTML 3Page - Exar Corporation XR22800 Datasheet HTML 4Page - Exar Corporation XR22800 Datasheet HTML 5Page - Exar Corporation XR22800 Datasheet HTML 6Page - Exar Corporation XR22800 Datasheet HTML 7Page - Exar Corporation XR22800 Datasheet HTML 8Page - Exar Corporation XR22800 Datasheet HTML 9Page - Exar Corporation XR22800 Datasheet HTML 10Page - Exar Corporation XR22800 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
© 2016 Exar Corporation
XR22800
7 / 29
exar.com/XR22800
Rev 1C
Functional Block Diagram
USB 2.0
Phy
USB 2.0
Hub
10/100
Ethernet
Controller
Ethernet
Phy
I2C
Multimaster
USB
Descriptors
EDGE
Controller
25 MHz
Xtal
USBD+
USBD-
5.0V VCC
GND
GND
GND
ETH_TX+
ETH_TX-
ETH_RX+
ETH_RX-
XTALIN
XTALOUT
SDA
SCL
ETH_LINK
ETH_SPD
E7
E6
E5
E4
E3
E2
E1
E0
LOW_PWR#
OTP
VBUS_SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com