Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR22801 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR22801
Description  Hi-Speed USB to 10/100 Ethernet Bridge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22801 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR22801 Datasheet HTML 17Page - Exar Corporation XR22801 Datasheet HTML 18Page - Exar Corporation XR22801 Datasheet HTML 19Page - Exar Corporation XR22801 Datasheet HTML 20Page - Exar Corporation XR22801 Datasheet HTML 21Page - Exar Corporation XR22801 Datasheet HTML 22Page - Exar Corporation XR22801 Datasheet HTML 23Page - Exar Corporation XR22801 Datasheet HTML 24Page - Exar Corporation XR22801 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
© 2015 Exar Corporation
XR22801
21 / 42
exar.com/XR22801
Rev 1B
XOFF_CHAR (0x048) - Read/Write
ERROR_STATUS (0x049) - Read Only
TX_BREAK (0x04A) - Read/Write
Bit
Default
Description
15:8
0x00
Reserved
These bits are reserved and should be written as ‘0’.
7:0
0x13
Char
XOFF ASCII character received in hexadecimal format
Bit
Default
Description
15:8
0x00
Reserved
These bits are reserved and should be written as ‘0’.
70
Break_Active
0: No break condition currently active
1: Break condition currently active
60
Overrun
0: No overrun error detected
1: Overrun error detected since last register read
50
Parity
0: No parity error detected
1: Parity error detected since last register read
40
Frame
0: No frame error detected
1: Frame error detected since last register read
30
Break
0: No break error detected
1: Break error detected since last register read
2:0
0
Reserved
These bits are reserved and should be written as ‘0’.
Bit
Default
Description
15:0
0x0000
Value
This register controls transmission of break signal. Writing a non-zero value "N" to this registers causes the
XR22801 to send a break signal on the UART TX pin for "N" ms, for 0 < N < 0xFFFF. A counter will decrement
this value at 1 ms intervals until the count reaches 0x0 at which time the break signal will stop being sent. Writ-
ing a value of 0xFFFF causes a continuous break signal to be sent, until either a value of 0x0 is written or
another non-zero value other than 0xFFFF which will again cause break signal to stop after the counter expires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com