Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR22802 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR22802
Description  Hi-Speed USB to 10/100 Ethernet Bridge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22802 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR22802 Datasheet HTML 3Page - Exar Corporation XR22802 Datasheet HTML 4Page - Exar Corporation XR22802 Datasheet HTML 5Page - Exar Corporation XR22802 Datasheet HTML 6Page - Exar Corporation XR22802 Datasheet HTML 7Page - Exar Corporation XR22802 Datasheet HTML 8Page - Exar Corporation XR22802 Datasheet HTML 9Page - Exar Corporation XR22802 Datasheet HTML 10Page - Exar Corporation XR22802 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
© 2015 Exar Corporation
XR22802
7 / 46
exar.com/XR22802
Rev 1B
Type: I = Input, O = Output, I/O = Input/Output, PWR = Power, OD = Open-Drain
40
GND
PWR
Power supply common, ground
41
E6/RXA/RWKA#
I/O
Enhanced general purpose IO, or UART channel A RX data, or remote wakeup. Defaults to
UART RX data.
42
E7/TXA
I/O
Enhanced general purpose IO, or UART channel A TX data. Defaults to UART TX data.
43
E5/RTSA#/RS485A/GA5
I/O
Enhanced general purpose IO, or UART channel A Request to Send, or auto-RS485 half-
duplex enable, or general purpose IO. Defaults to UART GPIO input except when XR22802 is
used with CDC-ACM driver. Refer to Automatic RTS/CTS Hardware Flow Control section on
page 14 or Auto RS-485 Half-Duplex Control on page 15.
44
E4/CTSA#/GA4
I/O
Enhanced general purpose IO, or UART channel A Clear to Send, or general purpose IO.
Defaults to UART GPIO input except when XR22802 is used with CDC-ACM driver. Refer to
Automatic RTS/CTS Hardware Flow Control section on page 14.
45
E14/RXB/RWKB#
I/O
Enhanced general purpose IO, or UART channel B RX data, or remote wakeup. Defaults to
UART RX data.
46
E15/TXB
I/O
Enhanced general purpose IO, or UART channel B TX data. Defaults to UART TX data.
47
E13/RTSB#/RS485B/GB5
I/O
Enhanced general purpose IO, or UART channel B Request to Send, or channel B auto-
RS485 half-duplex enable, or general purpose IO. Defaults to UART GPIO input except when
XR22802 is used with CDC-ACM driver. Refer to Automatic RTS/CTS Hardware Flow Control
section on page 14 or Auto RS-485 Half-Duplex Control on page 15.
48
E12/CTSB#/GB4
I/O
Enhanced general purpose IO, or UART channel B Clear to Send, or general purpose IO.
Defaults to UART GPIO input except when XR22802 is used with CDC-ACM driver. Refer to
Automatic RTS/CTS Hardware Flow Control section on page 14.
49
LOW_PWR#
O
The LOW_PWR# pin will be asserted whenever it is not safe to draw the amount of current
requested from VBUS in the Device Maximum Power field of the Configuration Descriptor.
The LOW_PWR# pin is asserted when the XR22802 is in suspend mode or when it is not yet
configured. The LOW_PWR# pin will be de-asserted whenever it is safe to draw the amount
of current requested in the Device Maximum Power field. Note that the XR22802 device is a
high power device. The default polarity of the LOW_PWR# output pin is active low and is pro-
grammable via the OTP.
50
GND
PWR
Power supply common, ground
51
E10/DSRB#/GB2
I/O
Enhanced general purpose IO, or UART channel B Data Set Ready, or general purpose IO.
Defaults to UART GPIO input. Refer to Automatic DTR/DSR Hardware Flow Control section
on page 14.
52
E11/DTRB#/GB3
I/O
Enhanced general purpose IO, or UART channel B Data Terminal Ready, or general purpose
IO. Defaults to UART GPIO input. Refer to Automatic DTR/DSR Hardware Flow Control sec-
tion on page 14
53
E2/DSRA#/GA2
I/O
Enhanced general purpose IO, or UART channel A Data Set Ready, or general purpose IO.
Defaults to UART GPIO input. Refer to Automatic DTR/DSR Hardware Flow Control section
on page 14.
54
E3/DTRA#/GA3
I/O
Enhanced general purpose IO, or UART channel A Data Terminal Ready, or general purpose
IO. Defaults to UART GPIO input. Refer to Automatic DTR/DSR Hardware Flow Control sec-
tion on page 14.
55
SCL
I/O OD
I2C Master controller serial clock (open-drain) External pull-up resistor required on this pin.
56
SDA
I/O OD
I2C Master controller data (open-drain). External pull-up resistor required on this pin.
Pin No.
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com