Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2042 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST2042
Description  CURRENT LIMITED POWER DISTRIBUTION SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2042 Datasheet(HTML) 3 Page - STMicroelectronics

  ST2042 Datasheet HTML 1Page - STMicroelectronics ST2042 Datasheet HTML 2Page - STMicroelectronics ST2042 Datasheet HTML 3Page - STMicroelectronics ST2042 Datasheet HTML 4Page - STMicroelectronics ST2042 Datasheet HTML 5Page - STMicroelectronics ST2042 Datasheet HTML 6Page - STMicroelectronics ST2042 Datasheet HTML 7Page - STMicroelectronics ST2042 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ST2042
3/8
BLOCK DIAGRAM
POWER SWITCH ELECTRICAL CHARACTERISTICS (VI =5.5V, IO = rated current, VIEN =0V, TJ =
25°C, unless otherwise specified.) (See Note 1)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDS(ON) Static Drain-Source
ON-State Resistance
VI =5V
IO = 0.5A
80
100
m
VI =5V
IO = 0.5A
TJ=85°C
90
120
VI =5V
IO = 0.5A
TJ=125°C
100
135
VI =3.3V IO = 0.5A
90
125
VI =3.3V IO = 0.5A
TJ=85°C
110
145
VI =3.3V IO = 0.5A
TJ=125°C
120
160
tr
Output Rise Time
VI =5.5V RL=10Ω
CL=1µF
2.5
ms
VI =2.7V RL=10Ω
CL=1µF3
tf
Output Fall Time
VI =5.5V RL=10Ω
CL=1µF
0.3
ms
VI =2.7V RL=10Ω
CL=1µF
0.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com