Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR32330 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR32330
Description  3-Driver/3-Receiver Intelligent RS-232 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR32330 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR32330 Datasheet HTML 3Page - Exar Corporation XR32330 Datasheet HTML 4Page - Exar Corporation XR32330 Datasheet HTML 5Page - Exar Corporation XR32330 Datasheet HTML 6Page - Exar Corporation XR32330 Datasheet HTML 7Page - Exar Corporation XR32330 Datasheet HTML 8Page - Exar Corporation XR32330 Datasheet HTML 9Page - Exar Corporation XR32330 Datasheet HTML 10Page - Exar Corporation XR32330 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2014 Exar Corporation
XR32330
7 / 13
exar.com/XR32330
Rev 1B
Typical Performance Characteristics
Figure 1: Transmitter Output Voltage vs Supply Voltage
Figure 2: Supply Current vs Load Capacitance
-6
-4
-2
0
2
4
6
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
T1 at 250Kbps
Other Drivers at 62.5Kbps
All Drivers loaded with 3K
// 250pF
0
5
10
15
20
25
30
35
40
45
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
250Kbps
120Kbps
20Kbps
T1 Driver at full Data Rate
T2 & T3 Drivers at 15.5Kbps
all Drivers loaded with 3K
// C
Load
Figure 3: Supply Current vs Supply Voltage
Figure 4: Transmitter Output Voltage vs Load Capacitance
0
5
10
15
20
25
30
35
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
250Kbps
T1 at Full Data Rate
T2 & T3 at 15.5Kbps
All Drivers loaded with 3K
// 1000pF
-6
-4
-2
0
2
4
6
0
1000
2000
3000
4000
5000
Load Capacitance (pF)
TxOUT+
TxOUT-
XR32330EB, Supply = 3.3V,
T1 Driver at 250Kbps
T2 & T3 Drivers at 15.5Kbps
All Drivers loads 3K
// C
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com