Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33202 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR33202
Description  Wide Supply TIA-485/TIA-422 Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33202 Datasheet(HTML) 7 Page - Exar Corporation

  XR33202 Datasheet HTML 1Page - Exar Corporation XR33202 Datasheet HTML 2Page - Exar Corporation XR33202 Datasheet HTML 3Page - Exar Corporation XR33202 Datasheet HTML 4Page - Exar Corporation XR33202 Datasheet HTML 5Page - Exar Corporation XR33202 Datasheet HTML 6Page - Exar Corporation XR33202 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
XR
33202
48760 Kato Road
Fremont, CA 94538
USA
Exar Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. Exar Corporation conveys
no license under any patent or other right and makes no representation that the circuits are free of patent infringement. While the information in this publication has been
carefully checked, no responsibility, however, is assumed for inaccuracies.
Exar Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected
to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Exar Corporation
receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of
Exar Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of Exar Corporation is prohibited. Exar, XR and the XR logo are registered trademarks of Exar Corporation.
All other trademarks are the property of their respective owners.
©2015 Exar Corporation
XR33202_DS_111315
Tel.: +1 (510) 668-7000
Fax: +1 (510) 668-7001
Email: support@exar.com
www.exar.com
7/7
REV1A
Order Information
Part Number
Package
Environmental Rating
Operating Temperature Range
XR33202EEHB-F
10-pin DFN
Green
-40°C to 125°C
XR33202EEHBTR-F
10-pin DFN
Green
-40°C to 125°C
Package Description
10-Pin DFN Package (3mm x 3mm)
NOTES:
1. All dimensions are in millimeters (angle in degrees), unless otherwise specified.
2. Coplanarity applies to the exposed pad as well as the terminals. Coplanarity shall
not exceed 0.05mm.
3. Warpage shall not exceed 0.05mm.
4. Package length/package width are considered as special characteristics.
5. Refer JEDEC MO-229.
6. L/F stock #FR0O45 (Ag on lead only). UTL PKG code TD-300E300B010A or
TD-300S300B010A or TD-300M300B010A or TD-300D300B010A.
3.00±0.05
PIN 1
INDEX AREA
DETAIL A
DETAIL A
0.0–0.05
0.203±0.008
0.20 REF.
0.0–0.05
0.203±0.058
–0.008
TERMINAL THICKNESS
0.25±0.05
2.00 REF.
0.50 BSC
0.30±0.10
2.30±0.10
0.45 REF.
0.75±0.05
DAP SIZE
2.6x2.0
C0.35
Side View
Top View
Front View
3.00±0.05
PIN 1
INDEX AREA
DETAIL A
DETAIL A
0.0–0.05
0.203±0.008
0.20 REF.
0.0–0.05
0.203±0.058
–0.008
TERMINAL THICKNESS
0.25±0.05
2.00 REF.
0.50 BSC
0.30±0.10
2.30±0.10
0.45 REF.
0.75±0.05
DAP SIZE
2.6x2.0
C0.35
Side View
Top View
Front View



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com