Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR34350 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR34350
Description  Internal Termination and Wide Output Swing
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR34350 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR34350 Datasheet HTML 3Page - Exar Corporation XR34350 Datasheet HTML 4Page - Exar Corporation XR34350 Datasheet HTML 5Page - Exar Corporation XR34350 Datasheet HTML 6Page - Exar Corporation XR34350 Datasheet HTML 7Page - Exar Corporation XR34350 Datasheet HTML 8Page - Exar Corporation XR34350 Datasheet HTML 9Page - Exar Corporation XR34350 Datasheet HTML 10Page - Exar Corporation XR34350 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
XR
34350
7/20
REV1B
Pin Configuration, Top View
Pin Functions
Pin Number
Pin Name
Descriptions by Mode (MODE1, MODE0)
Mode 00, Figure 2
Mode 01, Figure 3
Mode 10, Figure 4
Mode 11, Figure 5
1
L1
R1 output
1
1
2
L2
R2 output
R1 output
R1 output
3
L3
T1 input
T1 input
T1 input
4
L4
T2 input
5
L6
R3 output
1
1
6
L7
T3 input
7
L8
R4 output
1
1
8
L9
R5 output
1
1
9
VCC
VCC
10
GND
Ground
11
SLEW
SLEW = VCC enables 250kbps slew limiting
12
DIR1
T1 enable, R1 disable
T1 enable
13
N/C
This pin is not used and is not connected internally
14
MODE0
0
1
0
1
15
MODE1
0
0
1
1
16
N/C
This pin is not used and is not connected internally
17
TERM
Enables RS-485/RS-422 receiver termination
18
N/C
This pin is not used and is not connected internally
19
EN
Enable = VCC for operation, Enable = 0V for shutdown
20
VCC
VCC
1
2
3
4
5
6
7
8
9
10
L1
L2
L3
L4
L6
L7
L8
L9
VCC
GND
30
29
28
27
26
25
24
23
22
21
R2
GND
R3
R4
GND
R6
R7
GND
R8
R9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com