Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR71211 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR71211
Description  1.5A Ultra Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR71211 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR71211 Datasheet HTML 3Page - Exar Corporation XR71211 Datasheet HTML 4Page - Exar Corporation XR71211 Datasheet HTML 5Page - Exar Corporation XR71211 Datasheet HTML 6Page - Exar Corporation XR71211 Datasheet HTML 7Page - Exar Corporation XR71211 Datasheet HTML 8Page - Exar Corporation XR71211 Datasheet HTML 9Page - Exar Corporation XR71211 Datasheet HTML 10Page - Exar Corporation XR71211 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2014 Exar Corporation
XR71211
7 / 12
exar.com/XR71211
Rev 1B
Figure 7: Enable Turn On/Off, 1.5A, 1.5VIN, 1VOUT
Figure 8: PSRR, 50mA, 1.5VIN, 1VOUT, 22μF COUT
Figure 9: VADJ versus IOUT, 1.5VIN, 1VOUT
Figure 10: Enable Threshold versus Temperature
VENABLE, 2V/Div
VOUT, 0.5V/Div
IOUT, 1A/Div
2ms/Div
PGOOD, 1V/Div
0.590
0.595
0.600
0.605
0.610
0.0
0.5
1.0
1.5
V
A
D
J
(V
)
IO UT (A)
0.0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20406080
100
120
E
N
th
re
s
h
o
ld
(V
)
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com