Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR75100 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR75100
Description  40V Synchronous Step Down COT Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR75100 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR75100 Datasheet HTML 3Page - Exar Corporation XR75100 Datasheet HTML 4Page - Exar Corporation XR75100 Datasheet HTML 5Page - Exar Corporation XR75100 Datasheet HTML 6Page - Exar Corporation XR75100 Datasheet HTML 7Page - Exar Corporation XR75100 Datasheet HTML 8Page - Exar Corporation XR75100 Datasheet HTML 9Page - Exar Corporation XR75100 Datasheet HTML 10Page - Exar Corporation XR75100 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2016 Exar Corporation
XR75100
7 / 15
exar.com/XR75100
Rev 1C
Typical Performance Characteristics
Unless otherwise noted: VIN = 24V, VOUT=3.3V, IOUT=10A, f=500kHz, TA = 25°C. Schematic from the application informa-
tion section.
Figure 1: Load Regulation
Figure 2: Line regulation
Figure 3: Load step, Forced CCM, 0A-6.5A-0A
Figure 4: Load step, DCM/CCM, 0A-6.5A-0A
Figure 5: Steady state, VOUT,ripple=14mV, IOUT=10A
Figure 6: Steady state, DCM, VOUT,ripple=61mV, IOUT=0A
3.260
3.270
3.280
3.290
3.300
3.310
3.320
3.330
3.340
5
1015202530
VIN (V)
+0.5%
Typical
-0.5%
3.260
3.270
3.280
3.290
3.300
3.310
3.320
3.330
3.340
02468
10
IOUT (A)
+0.5%
Typical
-0.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com