Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR76108 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR76108
Description  8A and 12A Synchronous Step Down COT Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76108 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR76108 Datasheet HTML 3Page - Exar Corporation XR76108 Datasheet HTML 4Page - Exar Corporation XR76108 Datasheet HTML 5Page - Exar Corporation XR76108 Datasheet HTML 6Page - Exar Corporation XR76108 Datasheet HTML 7Page - Exar Corporation XR76108 Datasheet HTML 8Page - Exar Corporation XR76108 Datasheet HTML 9Page - Exar Corporation XR76108 Datasheet HTML 10Page - Exar Corporation XR76108 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
XR76108 and XR76112
© 2013-2014 Exar Corporation
7/17
www.exar.com
Rev. 2A
Typical Performance Characteristics
All data taken at VIN=12V, VOUT=1.2V, f=600kHz, TA=25°C, No Air flow, Forced CCM, unless otherwise specified. Schematic
and BOM from Applications Circuit section of this datasheet.
REGULATION
Figure 5: XR76112 Load regulation, VIN=12V
Figure 6: XR76112 Line regulation, IOUT=12A
Figure 7: XR76112 VOUT ripple is 14mV at 12A
Figure 8: XR76112 VOUT ripple is 22mV at 0A, DCM
Figure 9: XR76112 Frequency vs. IOUT, Forced CCM
Figure 10: VREF vs. temperature
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
0
2
4
6
8
10
12
IOUT (A)
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
5
10
15
20
VIN (V)
0
100
200
300
400
500
600
700
0
2
4
6
8
10
12
IOUT(A)
VOUT=5V, RON=29.4k
VOUT=1.2V, RON=6.8k
590
595
600
605
610
-40
-20
0
20
40
60
80
100 120
Tj (°C)
1us/d
SW
VOUT
AC coupled
20MHz Filter
IL
2ms/d
IL
SW
VOUT
AC coupled
20MHz Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com