Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14C232 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C232
Description  Low Power 5V Powered TIA/EIA-232 Dual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C232 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS14C232 Datasheet HTML 1Page - National Semiconductor (TI) DS14C232 Datasheet HTML 2Page - National Semiconductor (TI) DS14C232 Datasheet HTML 3Page - National Semiconductor (TI) DS14C232 Datasheet HTML 4Page - National Semiconductor (TI) DS14C232 Datasheet HTML 5Page - National Semiconductor (TI) DS14C232 Datasheet HTML 6Page - National Semiconductor (TI) DS14C232 Datasheet HTML 7Page - National Semiconductor (TI) DS14C232 Datasheet HTML 8Page - National Semiconductor (TI) DS14C232 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS14C232
Low Power +5V Powered TIA/EIA-232 Dual
Driver/Receiver
General Description
The DS14C232 is a low power dual driver/receiver featuring
an onboard DC to DC converter, eliminating the need for
±12V power supplies. The device only requires a +5V power
supply. I
CC is specified at 3.0 mA maximum, making the de-
vice ideal for battery and power conscious applications. The
drivers’ slew rate is set internally and the receivers feature
internal noise filtering, eliminating the need for external slew
rate and filter capacitors. The device is designed to interface
data terminal equipment (DTE) with data circuit-terminating
equipment (DCE). The driver inputs and receiver outputs are
TTL and CMOS compatible. DS14C232C driver outputs and
receiver inputs meet TIA/EIA-232-E (RS-232) and CCITT
V.28 standards.
Features
n Pin compatible with industry standard MAX232, LT1081,
ICL232 and TSC232
n Single +5V power supply
n Low power — ICC 3.0 mA maximum
n DS14C232C meets TIA/EIA-232-E (RS-232) and CCITT
V.28 standards
n CMOS technology
n Receiver Noise Filter
n Package efficiency — 2 drivers and 2 receivers
n Available in Plastic DIP, Narrow and Wide SOIC
packages
n TIA/EIA-232 compatible extended temperature range
option:
DS14C232T
−40˚C to +85˚C
DS14C232E/J:
−55˚C to +125˚C
Connection Diagram
Functional Diagram
DS010744-1
Order Number DS14C232CN, DS14C232CM, or
DS14C232TM
See NS Package Number N16E, or M16A
DS010744-2
October 1999
© 1999 National Semiconductor Corporation
DS010744
www.national.com


Similar Part No. - DS14C232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C232 TI1-DS14C232 Datasheet
917Kb / 18P
DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
DS14C232 TI1-DS14C232 Datasheet
938Kb / 18P
Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
Rochester Electronics
DS14C232B ROCHESTER-DS14C232B Datasheet
630Kb / 1P
LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
DS14C232CM ROCHESTER-DS14C232CM Datasheet
630Kb / 1P
LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
Texas Instruments
DS14C232CM TI1-DS14C232CM Datasheet
917Kb / 18P
DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
More results

Similar Description - DS14C232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Intersil Corporation
ISL8563 INTERSIL-ISL8563 Datasheet
247Kb / 10P
3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
March 2001
logo
National Semiconductor ...
DS14C202 NSC-DS14C202 Datasheet
140Kb / 8P
Low Power 5V Powered EIA/TIA-232 Dual Driver/Receiver
LMS202 NSC-LMS202 Datasheet
114Kb / 5P
5V Single Supply TIA/EIA-232 Dual Transceivers
LMS202E NSC-LMS202E Datasheet
132Kb / 8P
15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
Texas Instruments
DS14C232CN TI1-DS14C232CN Datasheet
917Kb / 18P
DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
Exar Corporation
SP3232EEY-L EXAR-SP3232EEY-L Datasheet
1Mb / 23P
Meets true EIA/TIA-232-F Standards
logo
Texas Instruments
DS14C232 TI1-DS14C232_15 Datasheet
938Kb / 18P
Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
LMS202E TI1-LMS202E Datasheet
780Kb / 14P
LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com