Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0624CDMCCDS-R22MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # 0624CDMCCDS-R22MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0624CDMCCDS-R22MC Datasheet(HTML) 2 Page - Sumida Corporation

  0624CDMCCDS-R22MC Datasheet HTML 1Page - Sumida Corporation 0624CDMCCDS-R22MC Datasheet HTML 2Page - Sumida Corporation 0624CDMCCDS-R22MC Datasheet HTML 3Page - Sumida Corporation 0624CDMCCDS-R22MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0624CDMCC/DS
Page 2 of 4
Revised: 5-Jan-16
Electrical Characteristics
※1 Measuring frequency Inductance at 100kHz ,1.0V
※2 Saturation current: The value of DC current when the inductance is over 70% of its initial value. (at 25℃ )
※3 Temperature rise current: The actual value of DC current when temperature of coil rise is
△T=40℃(Ta=25℃) Board conditions: FR4, Copper=70μm,four-layer PWB, t=1.6mm.
1.9
2.7(3.2)
242.0(222.0)
22.0
±20%
220
0624CDMCCDS-220MC
2.5
3.1(3.7)
160.0(145.0)
15.0
±20%
150
0624CDMCCDS-150MC
Part No.
Stamp
Inductance
[Within]
(
μH)
※1
D.C.R
(m
Ω)
Max.(Typ.)
at 25
℃
Saturation
Current
(A)
Max.(Typ.)
(at 25
℃)
※2
Temperature
rise current
(A)
(Typ.)
※3
0624CDMCCDS-R22MC
R22
0.22
±20%
3.0(2.5)
30.6(36.1)
22.0
0624CDMCCDS-R33MC
R33
0.33
±20%
4.1(3.5)
24.2(28.5)
20.5
0624CDMCCDS-R47MC
R47
0.47
±20%
5.1(4.5)
20.8(24.5)
17.5
0624CDMCCDS-R56MC
R56
0.56
±20%
6.5(5.5)
17.0(20.0)
15.4
0624CDMCCDS-R68MC
R68
0.68
±20%
7.0(6.2)
16.0(18.8)
15.0
0624CDMCCDS-1R0MC
1R0
1.0
±20%
9.6(8.0)
13.7(16.2)
12.6
0624CDMCCDS-1R5MC
1R5
1.5
±20%
19.2(16.0)
12.7(15.0)
8.7
0624CDMCCDS-2R2MC
2R2
2.2
±20%
28.0(23.0)
10.9(12.8)
7.0
0624CDMCCDS-3R3MC
3R3
3.3
±20%
48.0(40.0
)
9.0(10.6
)
5.5
0624CDMCCDS-4R7MC
4R7
4.7
±20%
54.0(45.0)
6.5(7.6)
4.8
0624CDMCCDS-6R8MC
6R8
6.8
±20%
66.0(55.0)
5.7(6.7)
4.2
0624CDMCCDS-100MC
100
10.0
±20%
101.0(92.0)
4.7(5.5)
3.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com