Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0618CDMCCDS-R68MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # 0618CDMCCDS-R68MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0618CDMCCDS-R68MC Datasheet(HTML) 2 Page - Sumida Corporation

  0618CDMCCDS-R68MC Datasheet HTML 1Page - Sumida Corporation 0618CDMCCDS-R68MC Datasheet HTML 2Page - Sumida Corporation 0618CDMCCDS-R68MC Datasheet HTML 3Page - Sumida Corporation 0618CDMCCDS-R68MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0618CDMCC/DS
Page 2 of 4
Revised: 4-Jan-16
Electrical Characteristics
※1 Measuring frequency Inductance at 100kHz ,1.0V
※2 Saturation current: The value of DC current when the inductance is over 70% of its initial value. (at 25℃ )
※3 Temperature rise current: The actual value of DC current when temperature of coil rise is
△T=40℃(Ta=25℃) Board conditions: FR4, Copper=70μm,four-layer PWB, t=1.6mm.
3.0
4.3(5.0)
110.0(101.0)
6.8
±20%
6R8
0618CDMCCDS-6R8MC
2.6
4.0(4.7)
142.0(123.0)
8.2
±20%
8R2
0618CDMCCDS-8R2MC
2.3
3.4(4.0)
173.0(150.0)
10.0
±20%
100
0618CDMCCDS-100MC
Part No.
Stamp
Inductance
[Within]
(
μH)
※1
D.C.R
(m
Ω)
Max.(Typ.)
at 25
℃
Saturation
Current
(A)
Max.(Typ.)
(at 25
℃)
※2
Temperature
rise current
(A)
(Typ.)
※3
0618CDMCCDS-R68MC
R68
0.68
±20%
12.0(10.0)
14.4(17.0)
9.8
0618CDMCCDS-1R0MC
1R0
1.0
±20%
16.0(13.0)
12.1(14.3)
8.3
0618CDMCCDS-1R5MC
1R5
1.5
±20%
24.0(20.0)
10.3(12.0)
7.0
0618CDMCCDS-2R2MC
2R2
2.2
±20%
33.6(28.0)
9.2(10.8)
6.0
0618CDMCCDS-3R3MC
3R3
3.3
±20%
50.0(43.0)
6.8(8.0)
4.7
0618CDMCCDS-4R7MC
4R7
4.7
±20%
62.0(56.0)
5.3(6.3)
4.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com